Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT13R90 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 10Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 11Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 12Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 13Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 14Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
HT13R90
Rev. 1.10
11
July 10, 2007
Oscillator Configuration
There are 2 oscillator circuits within the device.
Both circuits are designed for system clocks, namely the
Internal RC oscillator (IRC) and the external Crystal os-
cillator (ECRY), the choice of which is determined by a
configuration option. When in the standby state, the sys-
tem oscillator stops running and all external signals are
ignored to reduce power.
The Internal RC oscillator provides the most cost effec-
tive method of clock implementation, however, when
compared with the crystal oscillator, the frequency of os-
cillation may vary with VDD, temperature and process
variations. It is therefore not suitable for timing sensitive
operations where an accurate oscillator frequency is de-
sired.
If the Crystal oscillator is selected, a crystal connected
between OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator. No
other external components are required. Instead of a
crystal, a resonator can also be connected between
OSC1 and OSC2 to obtain the desired frequency refer-
ence, but two external capacitors between OSC1,
OSC2 and ground are required.
Note:
The 32768Hz Oscillator has a quick start up de-
sign. This quick start function should automati-
cally turn off after the clock has stabilised to
reduce power consumption.
The IRC circuit will provide the clock during the
power-on option-loading stage. This is neces-
sary as the choice of crystal or IRC is deter-
mined by the oscillator configuration option in
the OTP memory.
The IRC oscillator contains an adjustment con-
figuration option, to enable the IRC frequency to
be adjusted during device programming. This
option has a total of 7 bits (128 sections).
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 1
O S C 2
Configuration Options
The following table shows the full range of Timer configuration options. All of the options must be defined to ensure
proper system functioning.
Name
Description
Function
OSC
Oscillator type definition
0 = 32768Hz oscillator
1 = Internal RC oscillator
OSCON
Oscillator on/off control in
standby mode
Oscillator switched off
Oscillator remains on
PCR0M
TMR0 prescaler
PCR0 - Output Clock Selection
fSYS
fSYS/2
fSYS/4
fSYS/8
fSYS/16
fSYS/32
fSYS/64
PCR1M
TMR1 prescaler PCR1 -
output clock selection
TMR0_OV
TMR0_OV/2 ~ TMR0_OV/(2
18)
OMOD
Operating mode selection
MODE 0
- continuous mode
MODE 1
- single period mode
MODE 2
- single pulse mode
OACT
Setup LED0 pin
active high or active low
Active low
Active high
LxACT
LEDx wherex=1or2
active high/low setting
Active low
- low driving LED
Active high
- high driving LED
LxOUT
LEDx Output state
wherex=1or2
None
- no output
When active
- output when the LED0 pin is in an active state
When inactive
- output when the LED0 pin is in an inactive state
Both Active and Inactive
- output when the LED0 pin is in both states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com