Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CL25 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL25
Description  Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL25 Datasheet(HTML) 1 Page - Supertex, Inc

  CL25 Datasheet HTML 1Page - Supertex, Inc CL25 Datasheet HTML 2Page - Supertex, Inc CL25 Datasheet HTML 3Page - Supertex, Inc CL25 Datasheet HTML 4Page - Supertex, Inc CL25 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CL25
Features
5.0V to 90V operating range (V
A-B)
25mA ±10% at 5-90V
0.01% / °C typical temperature coefficient
No external components (two terminal device)
Can be paralleled for higher current
Applications
LED channel lighting
Industrial lamp indicators
Accent lighting
General Description
The
Supertex
CL25
is
a
high
voltage,
temperature
compensated, constant current source. The device is trimmed
to provide a constant current of 25mA ± 10% at an input
voltage of 5-90V. No external components are required. The
device can be used as a two terminal constant current source
or constant current sink.
A typical application for the CL25 is to drive LEDs with a
constant current of 25mA. They can also be used in parallel
to provide higher currents such as 50mA, 75mA or 100mA.
The device is available in TO-92 and TO-243AA (SOT-89)
packaging.
Typical Application Circuit
Simple 90V, 25mA, Temperature Compensated,
Constant Current, LED Driver IC
ILED
25mA
VA
VB
Up to 90V
+ VLED(total)
+
VLED(total)
-
VA
Control Circuit
and Temperature
Compensation
VB
Functional Circuit Diagram
CL25


Similar Part No. - CL25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7605 ARTESYN-CL25-7605 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7608 ARTESYN-CL25-7608 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7610 ARTESYN-CL25-7610 Datasheet
52Kb / 2P
Single, dual and triple outputs
CL25-7612 ARTESYN-CL25-7612 Datasheet
52Kb / 2P
Single, dual and triple outputs
More results

Similar Description - CL25

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com