Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV99-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAV99-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAV99-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAV99-HF Datasheet HTML 1Page - Comchip Technology BAV99-HF Datasheet HTML 2Page - Comchip Technology BAV99-HF Datasheet HTML 3Page - Comchip Technology BAV99-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
IB = 100µA
VRB
V
SMD Switching Diode
Reverse voltage
Rating and Characteristic Curves (BAW56-HF, BAV70-HF/99-HF)
70
Reverse leakage current
µA
IR
VR = 70V
2.5
nS
pF
6
1.5
CT
TRR
Capacitance
Forward voltage
Reverse recovery time
VR = 0V, f = 1 MHz
1.00
1.25
0.715
VF
IF = 10mA
IF = 150mA
IF = IR = 10mA, RL = 100Ω
Irr = 0.1 x IR
V
IF = 1mA
IF = 50mA
0.855
100
75
125
Ambient Temperature, Ta (°C)
Fig.4 - Power Derating Curve
25
50
100
150
200
300
150
250
50
0
0
1.0
1.2
1.4
Fig.3 - Capacitance Characteristics
0
15
5
10
20
Ta = 25°C
f = 1MHz
Reverse Voltage, VR (V)
1.1
1.3
1
10
100
1000
Reverse Voltage, VR (V)
Fig.2 - Reverse Characteristics
0
60
20
40
80
0.1
1
10
100
300
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1.2
0.4
0.8
1.6
Ta=100°C
Ta=25°C
Page 2
QW-J0019
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com