Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCR12CS Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # BCR12CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12CS Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  BCR12CS Datasheet HTML 1Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 2Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 3Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 4Page - Powerex Power Semiconductors BCR12CS Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
160
120
100
60
20
0
40
80
140
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
160
120
100
60
20
0
3.2
1.6
0
0.8 1.2
2.0 2.4 2.8
40
80
140
0.4
NATURAL CONVECTION
NO FINS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
160
–40
0
40
80
120
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G
TYPICAL
EXAMPLE
T2
+, G+
T2
, G
TYPICAL
EXAMPLE
DISTRIBUTION
160
120
100
60
20
0
16
8
2
0
4
6
10
12
14
40
80
140
60 60 t2.3
120 120 t2.3
100 100 t2.3
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
ALL FINS ARE COPPER
AND ALUMINUM
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR12CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com