Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SH3000 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SH3000
Description  Low-Power Programmable Multifunction Support IC for Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000 Datasheet(HTML) 3 Page - Semtech Corporation

  SH3000 Datasheet HTML 1Page - Semtech Corporation SH3000 Datasheet HTML 2Page - Semtech Corporation SH3000 Datasheet HTML 3Page - Semtech Corporation SH3000 Datasheet HTML 4Page - Semtech Corporation SH3000 Datasheet HTML 5Page - Semtech Corporation SH3000 Datasheet HTML 6Page - Semtech Corporation SH3000 Datasheet HTML 7Page - Semtech Corporation SH3000 Datasheet HTML 8Page - Semtech Corporation SH3000 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SH3000 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2003-2005 Semtech Corporation
3
V1.15 www.semtech.com
Pin Descriptions
Pin
Name
Type
Function
1
VSS
Power
Ground, 0 V. All VSS pins and TEST (VSS) pin must be connected together.
2
VREG
Power
Output of internal Voltage Regulator, 2.2 V nominal. This pin can power external loads
of <5 mA. If load is “noisy” it requires a bypass capacitor. May be left unconnected or
used as a high logic level signal for CLKSEL pin (see below).
3
VDD
Power
Main power supply, +2.3 to +5.5 V.
4
VBAK
Power
Backup power supply for real time clock, +2.3 to +5.5 V (+1.8 to +5.5 V typical). This
voltage can be higher or lower than VDD. Connect a backup battery or backup
capacitor (with external recharge circuit). Connect to VDD if not used.
5
XIN
Analog In
6
XOUT
Analog Out
Oscillator pins for optional external low frequency crystal, typically 32.768 kHz watch
crystal with nominal 12.5 pF load capacitance. Keep open or connect to VSS if not
used.
7
CLKSEL
Digital In
A logic low level selects the internal 32 kHz RC oscillator (CLKSEL tied to VSS). A high
state on this pin selects the 32 kHz crystal oscillator (CLKSEL is connected to VREG).
The SH3000 always starts up using the internal 32 kHz RC oscillator. If CLKSEL is
high, the internal 32 kHz clock switches to the crystal oscillator once it has stabilized,
and RC oscillator is disabled for power conservation.
Do not connect CLKSEL to any signals except VSS or VREG. CLKSEL must not be left
open.
8
VSS
Power
Ground, 0 V. All VSS pins and TEST (VSS) pin must be connected together.
9
RREF
Analog
Optional 1MOhm external bias resistor for the internal 32 kHz RC oscillator. Can be
used to set, trim or modulate the internal RC oscillator. Keep open if not used.
10
N
RST
Digital Out
Active low system reset output. Asserted with a strong low state when a reset condition
occurs. Weakly pulled to VDD internally when not active. This signal is valid for VDD as
low as 1 V. Keep open if not used.
11
RST
Digital Out
Active high system reset output. Asserted with a strong high state when a reset
condition occurs. Weakly pulled to VSS internally when not active. This signal is valid
for VDD as low as 1 V. Keep open if not used.
12 TEST (VSS)
Digital In
Factory test enable. All VSS pins and TEST (VSS) pin must be connected together.
13
CLK32
Digital Out
Buffered internal 32 kHz clock, derived according to the CLKSEL pin setting. This pin
uses backup power for the buffer when VDD is not present. When driving high, this signal
is either at VBAK or VDD (if VDD is higher than the reset threshold). When enabled, this
signal runs continuously independent of CLKOUT activity. Minimize the external load to
reduce power consumption during backup operations. When disabled, this pin is driven
to VSS. Keep open if not used.
14
IO/INT
I/O
Serial communications interface and interrupt output pin. This pin is internally weakly
pulled to the opposite of the programmed interrupt polarity. For example, if interrupt is
programmed to be active low, this pin is weakly pulled to VDD when inactive. Keep
open if not used.
15
CLKIN
Digital In
Clock activity sense input. Used to detect when the target microcontroller enters stop
mode (which disables its clock). Connect to the microcontroller’s clock output or
oscillator output pin. Connect to VSS when not used. CLKIN must not be left open.
16
CLKOUT
Digital Out
Programmable high frequency clock output. Connect to the target microcontroller’s clock
input or oscillator input pin. Keep open if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com