Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4808BIMSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4808BIMSTR
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808BIMSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4808BIMSTR Datasheet HTML 6Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 7Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 8Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 9Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 10Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 11Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 12Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 13Page - Semtech Corporation SC4808BIMSTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
4.200
4.250
4.300
4.350
4.400
4.450
4.500
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Vcc UVLO (Rising)
Vcc UVLO (Falling)
3.60
3.65
3.70
3.75
3.80
3.85
3.90
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Operating Iq, Vcc = 5V
Operating Iq, Vcc = 5.25V
SC4808B Typical Characteristics
(SC4808A)
Iq (start up) vs. Temperature
Iq (operating) vs. Temperature
Reference vs. Temperature
FB to CS Offset vs. Temperature
Current sense vs. Temperature
Vcc UVLO vs. Temperature
400
500
600
700
800
900
1000
1100
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Max Current Sense Signal
Over Current Signal
1.60
1.61
1.62
1.63
1.64
1.65
1.66
1.67
1.68
1.69
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
FB to CS Offset
3.16
3.17
3.18
3.19
3.2
3.21
3.22
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Reference, Vcc = 5V
70.0
75.0
80.0
85.0
90.0
95.0
100.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta (°C)
Start up Iq, Vcc = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com