Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT82K68A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82K68A
Description  Multimedia Keyboard Encoder 8-Bit Mask MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82K68A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68A Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
HT82K68A
Rev. 1.70
9
December 26, 2005
Interrupt
The HT82K68A provides an internal timer counter inter-
rupt and an external interrupt shared with PC2. The in-
terrupt control register (INTC;0BH) contains the
interrupt control bits to set not only the enable/disable
status but also the interrupt request flags.
Once an interrupt subroutine is serviced, all other inter-
rupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be
set to allow interrupt nesting. If the stack is full, the inter-
rupt request will not be acknowledged, even if the re-
lated interrupt is enabled, until the SP is decremented. If
immediate service is desired, the stack must be pre-
vented from becoming full.
All these kinds of interrupt have the wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack followed by
a branch to a subroutine at the specified location in the
program memory. Only the program counter is pushed
onto the stack. If the contents of the register and Status
register (STATUS) are altered by the interrupt service
program which corrupt the desired control sequence,
the contents should be saved in advance.
The internal timer counter interrupt is initialized by set-
ting the timer counter interrupt request flag (T0F; bit 5 of
INTC), which is normally caused by a timer counter
overflow. When the interrupt is enabled, and the stack is
not full and the T0F bit is set, a subroutine call to location
08H will occur. The related interrupt request flag (T0F)
will be reset and the EMI bit cleared to disable further in-
terrupts.
The external interrupt is shared with PC2. The external
interrupt is activated, the related interrupt request flag
(EIF; bit4 of INTC) is then set. When the interrupt is en-
abled, the stack is not full, and the external interrupt is
active, a subroutine call to location 04H will occur. The
interrupt request flag (EIF) and EMI bits will also be
cleared to disable other interrupts.
The external interrupt (PC2) can be triggered by a high
to low transition, or a low to high transition of the PC2,
which is dependent on the output level of the PE0. When
PE0 is output high, the external interrupt is triggered by
Bit No.
Label
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or if no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logical operation is zero; otherwise Z is cleared.
3OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared when either a system power-up or executing the
²CLR WDT² instruction.
PDF is set by executing a
²HALT² instruction.
5TO
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction.
TO is set by a WDT time-out.
6, 7
¾
Unused bit, read as
²0²
Status (0AH) Register
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
EEI
Control the external interrupt
2
ET0I
Controls the timer counter interrupt (1= enabled; 0= disabled)
3, 6~7
¾
Unused bit, read as
²0²
4
EIF
External interrupt flag
5
T0F
Internal timer counter request flag (1= active; 0= inactive)
INTC (0BH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com