Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4503 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation SC4503 Datasheet HTML 10Page - Semtech Corporation SC4503 Datasheet HTML 11Page - Semtech Corporation SC4503 Datasheet HTML 12Page - Semtech Corporation SC4503 Datasheet HTML 13Page - Semtech Corporation SC4503 Datasheet HTML 14Page - Semtech Corporation SC4503 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
Switch on duty ratio in DCM is given by,
=
(11)
Higher input current ripples and lower output current are
the drawbacks of DCM operation.
Input Capacitor
The input current in a boost converter is the inductor cur-
rent, which is continuous with low RMS current ripples. A
2.2-4.7
µF ceramic input capacitor is adequate for most
applications.
Output Capacitor
Both ceramic and low ESR tantalum capacitors can be
used as output filtering capacitors. Multi-layer ceramic
capacitors, due to their extremely low ESR (<5mΩ), are
the best choice. Use ceramic capacitors with stable
temperature and voltage characteristics. One may be
tempted to use Z5U and Y5V ceramic capacitors for output
filtering because of their high capacitance density and
small sizes. However these types of capacitors have high
temperature and high voltage coefficients. For example,
the capacitance of a Z5U capacitor can drop below 60%
of its room temperature value at –25°C and 90°C. X5R
ceramic capacitors, which have stable temperature and
voltage coefficients, are the preferred type.
The diode current waveform in Figure 4 is discontinuous
with high ripple-content. Unlike a buck converter in which
the inductor ripple current
∆I
L determines the output ripple
voltage. The output ripple voltage of a boost regulator is
much higher and is determined by the absolute inductor
current. Decreasing the inductor ripple current does not
reduce the output ripple voltage appreciably. The current
flowing in the output filter capacitor is the difference
between the diode current and the output current. This
capacitor current has a RMS value of:
(12)
If a tantalum capacitor is used, then its ripple current rating
in addition to its ESR will need to be considered.
Applications Information (Cont.)
When the switch is turned on, the output capacitor supplies
the load current I
OUT (Figure 4). The output ripple voltage
due to charging and discharging of the output capacitor
is therefore:
=
(13)
For most applications, a 10-22
µF ceramic capacitor is suf-
ficient for output filtering. It is worth noting that the output
ripple voltage due to discharging of a 10
µF ceramic capaci-
tor (13) is higher than that due to its ESR.
Rectifying Diode
For high efficiency, Schottky barrier diodes should be used
as rectifying diodes for the SC4503. These diodes should
have an average forward current rating at least equal to the
output current and a reverse blocking voltage of at least
a few volts higher than the output voltage. For switching
regulators operating at low duty cycles (i.e. low output
voltage to input voltage conversion ratios), it is beneficial
to use rectifying diodes with somewhat higher average cur-
rent ratings (thus lower forward voltages). This is because
the diode conduction interval is much longer than that of
the transistor. Converter efficiency will be improved if the
voltage drop across the diode is lower.
The rectifying diodes should be placed close to the SW
pin of the SC4503 to minimize ringing due to trace induc-
tance. Surface-mount equivalents of 1N5817 and 1N5818,
MBRM120, MBR0520L, ZHCS400, 10BQ015 and equiva-
lent are suitable.
Shutdown and Soft-Start
The shutdown (
SS
SHDN SS
SHDN
) pin is a dual function pin. When
driven from a logic gate with V
OH>2V, the
SS
SHDN SS
SHDN
pin
functions as an on/off input to the SC4503. When the
shutdown pin is below 2V, it clamps the error amplifier
output to
and reduces the switch current limit.
Connecting R
SS and CSS to the
SS
SHDN SS
SHDN
pin (Figure 5) slows
the voltage rise at the pin during start-up. This forces the
peak inductor current (hence the input current) to follow a
slow ramp, thus achieving soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com