Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KGF1608 Datasheet(PDF) 7 Page - OKI electronic componets

Part # KGF1608
Description  Power FET (Ceramic Package Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1608 Datasheet(HTML) 7 Page - OKI electronic componets

  KGF1608 Datasheet HTML 1Page - OKI electronic componets KGF1608 Datasheet HTML 2Page - OKI electronic componets KGF1608 Datasheet HTML 3Page - OKI electronic componets KGF1608 Datasheet HTML 4Page - OKI electronic componets KGF1608 Datasheet HTML 5Page - OKI electronic componets KGF1608 Datasheet HTML 6Page - OKI electronic componets KGF1608 Datasheet HTML 7Page - OKI electronic componets KGF1608 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
KGF1608
¡ electronic components
Typical S Parameters
VDS = 3.4 V , IDS = 560 mA
Frequency : 0.5 to 3.0 GHz
Z0 = 50 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com