Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4524 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4524
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4524 Datasheet HTML 6Page - Semtech Corporation SC4524 Datasheet HTML 7Page - Semtech Corporation SC4524 Datasheet HTML 8Page - Semtech Corporation SC4524 Datasheet HTML 9Page - Semtech Corporation SC4524 Datasheet HTML 10Page - Semtech Corporation SC4524 Datasheet HTML 11Page - Semtech Corporation SC4524 Datasheet HTML 12Page - Semtech Corporation SC4524 Datasheet HTML 13Page - Semtech Corporation SC4524 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
shows that the minimum on time is about 105ns at room
temperature (Figure 5). The power switch in the SC4524
is either not turned on at all or for at least T
ON(MIN). If the
required switch on time (= I
'
) is shorter than the minimum
on time, the regulator will either skip cycles or it will jitter.
Example: Determine the maximum operating frequency
of a 24V to 1.2V switching regulator using the SC4524.
Assuming that V
D = 0.45V, VCESAT = 0.25V and VIN = 26.4V
(10% high line), the duty ratio can be calculated using
(2).


















'
=
-
+
+
=
To allow for transient headroom, the minimum operating
switch on time should be at least 30% higher than the
worst-case minimum on time exhibited in Figure 5.
Designing for a switch on time of 150ns at
9



9,1 =
,
the maximum operating frequency is
.+]

QV

'
=
.
Minimum Off Time Limitation
The PWM latch in Figure 2 is reset every period by the
clock. The clock also turns off the power transistor to
refresh the bootstrap capacitor. This minimum off time
limits the attainable duty cycle of the regulator at a given
switching frequency. The measured minimum off time is
120ns. For a step-down converter, D increases with
increasing
,1
287
9
9
ratio. If the required duty cycle is higher
than the attainable maximum, then the output voltage
will not be able to reach its set value in continuous-
conduction mode.
Example: Determine the maximum operating frequency
of a 5V to 4V switching regulator using the SC4524.
Assuming that V
D = 0.45V, VCESAT = 0.25V and VIN = 4.5V
(10% low line), the duty ratio can be calculated using (2).
Applications Information
















'
=
-
+
+
=
.
The maximum operating channel frequency of the
converter is therefore
.+]

QV

'

=
-
.
Transient headroom requires that channel frequency be
lower than 410kHz.
Inductor Selection
The inductor ripple current DI
L for a non-synchronous
step-down converter in continuous-conduction mode is
I/
9
9
9
9
9
9
9
9
I/
'

9
9
,
&(6$7
'
,1
&(6$7
287
,1
'
287
'
287
/
-
+
-
-
+
=
-
+
=
D
(3)
where f is the switching frequency and L is the
inductance.
In current-mode control, the slope of the modulating
(sensed switch current) ramp should be steep enough
to lessen jittery tendency but not so steep that large
flux swing decreases efficiency. Inductor ripple current
DI
L between 25-40% of the peak inductor current limit is
a good compromise. Inductors so chosen are optimized
in size and DCR. Setting
$









,/
=
=
D
,
9



9' =
and
9



9&(6$7 =
in (3),
I






9



9
9



9
/
,1
287
,Q
287
+
-
-
+
=
(4)
where L is in mH and f is in MHz.
Equation (3) shows that for a given

9287
/
,
D increases
as D decreases. If ,1
9 varies over a wide range, then
choose L based on the nominal input voltage. Always
verify converter operation at the input voltage extremes.
The peak current limits of both SC4524 power transistors
are internally set at 3.2A. The peak current limits are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com