Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBRF20150CT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MBRF20150CT-HF
Description  SMD Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBRF20150CT-HF Datasheet(HTML) 2 Page - Comchip Technology

  MBRF20150CT-HF Datasheet HTML 1Page - Comchip Technology MBRF20150CT-HF Datasheet HTML 2Page - Comchip Technology MBRF20150CT-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristics Curves (MBRF2040CT-HF Thru. MBRF20200CT-HF)
Fig.1 - Forward Current Derating Curve
Lead Temperature, (°C)
0
4
8
12
16
24
0
20
180
140
Fig.2 - Maximum Non-Repetitive
Surge Current
Forward Voltage, (V)
1
0.01
0.1
10
0.4
0.6
1.1
0.8
Fig.4 - Typical Instantaneous Forward
Characteristics
1.0
1
0.1
40
SMD Schottky Barrier Rectifiers
40
60
80 100 120
160
Resistive or inductive load
150~200V
40~100V
Number of Cycles at 60Hz
1
10
100
0
30
60
90
240
150
120
Fig.3 - Typical Reverse Characteristics
Percent of Instantaneous Reverse Voltage, (%)
0.001
0
20
140
40
60
80
100
120
TJ=75°C
TJ=25°C
TJ=100°C
20
180
210
8.3ms single half sine-wave
JEDEC method
10
0.5
0.7
0.9
100V
Comchip Technology CO., LTD.
Page 2
REV:A
40~100V
150~200V
QW-JB116
60V
40V
150~200V
TJ=25°C
Pulse width=300µs
1% duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com