Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC415 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 10Page - Semtech Corporation SC415 Datasheet HTML 11Page - Semtech Corporation SC415 Datasheet HTML 12Page - Semtech Corporation SC415 Datasheet HTML 13Page - Semtech Corporation SC415 Datasheet HTML 14Page - Semtech Corporation SC415 Datasheet HTML 15Page - Semtech Corporation SC415 Datasheet HTML 16Page - Semtech Corporation SC415 Datasheet HTML 17Page - Semtech Corporation SC415 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
SC415
14
The 5μA current into the capacitor creates a linear voltage
ramp. The internal FB comparator tracks this SS ramp,
which forces VOUT to also track the SS ramp. The time
in msec needed for the SS ramp to reach the 750mV
reference is:
T
START
= Css × 150
(T
START
in μsec, Css in nF)
At the end of this time, the SS pin has reached 750mV
and the output voltage is at its nominal value. The FB
comparator then switches over to the internal 750mV REF,
and the SS pin is thereafter ignored.
The 5μA current source remains on, so the Css capacitor
continues to charge up to +5V.
The startup waveforms when using a capacitor for the
voltage ramp are shown in Figure 7.
Figure 7
Applications Information (continued)
Shutdown
When the EN pin is set low, the SS pin is discharged and
the output DH/DL drivers are pulled low. There is a small
delay between EN going low and DH/DL turning off. The
shutdown delay is given by the equation:
T
SD_DELAY
= Css × 19
(T
SD_DELAY
in usec, Css in nF)
With DH/DL set low, there is no switching, and the output
capacitor is discharged into the VOUT pin discharge
resistance of 16 ohms. This provides a soft-discharge with
no need for a clamp diode across the output capacitor.
When DH/DL stop switching, then that side is placed into
an inactive, low-power state.
MOSFET Gate Drivers
The DH and DL drivers are optimized to drive moderate
high-side and larger low-side power MOSFETs. An adaptive
dead-time circuit monitors the DL output and prevents
the high-side MOSFET from turning on until DL is fully off;
another circuit monitors the DH output and prevents the
low-side MOSFET from turning on until DH is fully off.
Note: be sure there is low resistance and low inductance
between the DH and DL outputs to the gate of each
MOSFET.
SmartDriveTM
Each side uses Semtech’s proprietary SmartDrive to
reduce switching noise. The DH drivers will turn on the
high-side MOSFET at a lower rate initially, allowing a
softer, smooth turn-off of the low-side diode. Once the
diode is off, the SmartDrive circuit automatically drives
the high-side MOSFET on at a rapid rate. This technique
reduces switching less while maintaining high efficiency,
and also avoids the need for snubbers or series resistors
in the gate drive.
EN
VOUT
5V
SS
750mV
SS linear ramp - 5uA current
source into CSS
CSS
SS
EN
SC415
TSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com