Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6566ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6566ATR
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6566ATR Datasheet HTML 22Page - STMicroelectronics L6566ATR Datasheet HTML 23Page - STMicroelectronics L6566ATR Datasheet HTML 24Page - STMicroelectronics L6566ATR Datasheet HTML 25Page - STMicroelectronics L6566ATR Datasheet HTML 26Page - STMicroelectronics L6566ATR Datasheet HTML 27Page - STMicroelectronics L6566ATR Datasheet HTML 28Page - STMicroelectronics L6566ATR Datasheet HTML 29Page - STMicroelectronics L6566ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Application information
L6566A
26/51
5.5
PWM control block
The device is specific for secondary feedback. Typically, there is a TL431 on the secondary
side and an optocoupler that transfers output voltage information to the PWM control on the
primary side, crossing the isolation barrier. The PWM control input (pin 9, COMP) is driven
directly by the phototransistor's collector (the emitter is grounded to GND) to modulate the
duty cycle (Figure 14, left-hand side circuit).
In applications where a tight output regulation is not required, it is possible to use a primary-
sensing feedback technique. In this approach the voltage generated by the self-supply
winding is sensed and regulated. This solution, shown in Figure 14, right-hand side circuit,
is cheaper because no optocoupler or secondary reference is needed, but output voltage
regulation, especially as a result of load changes, is quite poor. Ideally, the voltage
generated by the self-supply winding and the output voltage should be related by the
Naux/Ns turn ratio only. Actually, numerous non-idealities, mainly transformer's parasitics,
cause the actual ratio to deviate from the ideal one. Line regulation is quite good, in the
range of ± 2%, whereas load regulation is about ±5% and output voltage tolerance is in the
range of ±10%.
The dynamics of the pin is in the 2.5 to 5V range. The voltage at the pin is clamped
downwards at about 2 V. If the clamp is externally overridden and the voltage on the pin is
pulled below 1.4V the L6566A will shut down. This condition is latched as long as the device
is supplied. While the device is disabled, however, no energy is coming from the self-supply
circuit, thus the voltage on the Vcc capacitor will decay and cross the UVLO threshold after
some time, which clears the latch and lets the HV generator restart. This function is
intended for an externally controlled burst-mode operation at light load with a reduced
output voltage, a technique typically used in multi-output SMPS, such as those for CRT TVs
or monitors (see the timing diagram Figure 15 on page 27).
Figure 14. Possible feedback configurations that can be used with the L6566A
Vout
TL431
L6566A
9
COMP
L6566A
5
Vcc
Naux
9
COMP
Cs
Secondary feedback
Primary feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com