Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC78H89 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC78H89
Description  7-Channel, 500 KSPS, 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC78H89 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC78H89 Datasheet HTML 1Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 2Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 3Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 4Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 5Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 6Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 7Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 8Page - National Semiconductor (TI) ADC78H89 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
20061607
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
5 - 11
AIN1 to AIN7
Analog inputs. These signals can range from 0V to AV
DD.
2NC
This pin is not connected internally, and can be left floating,
or tied to ground.
DIGITAL I/O
16
SCLK
Digital clock input. The range of frequencies for this input is
50 kHz to 8 MHz, with guaranteed performance at 8 MHz.
This clock directly controls the conversion and readout
processes.
15
DOUT
Digital data output. The output samples are clocked out of this
pin on falling edges of the SCLK pin.
14
DIN
Digital data input. The ADC78H89’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
3AV
DD
Positive analog supply pin. This pin should be connected to a
quiet +2.7V to +5.25V source and bypassed to GND with 0.1
µF ceramic monolithic and 1 µF tantalum capacitors located
within 1 cm of the power pin.
13
DV
DD
Positive digital supply pin. This pin should be connected to a
+2.7V to AV
DD supply, and bypassed to GND with a 0.1 µF
ceramic monolithic capacitor located within 1 cm of the power
pin.
4, 12
GND
The ground return for both analog and digital supplies. These
pins are tied directly together internally, so must be connected
to the same potential. If any potential exists across these
pins, large currents will flow through the device.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com