Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMX2000 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HMX2000
Description  MIXED SIGNAL SOI GATE ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMX2000 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HMX2000 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMX2000 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HMX2000
________________________________________________________________________
Building blocks
8-bit, 8-channel A/D converter
12-bit current-output DAC
Laser-trimmed precision voltage reference
General purpose opamp, bias generators
PLL, 2 versions, 50 –180 MHz
Misc. Amplifiers
Comparators
Analog Output Buffer
SPICE models, Custom Cell Design Services
SPECIFICATIONS
HMX2000 Characteristics
Maximum gate count and I/O
275,000 useable gates and 388 signal I/O
Typical delay – 2 input NAND
270 ps @ 5.0V
I/O interface levels
TTL, CMOS, Schmitt trigger
Typical power consumption, W/MHz/gate
0.6 @ 5.0V
Operating temperature range
-55 C to +125 C
Minimum Geometry
0.8 m Drawn/ 0.65 mLeff
Analog supply level
5.0V
NMOS/PMOS Vt matching
NMOS -
~ 1.0 mV (large devices)
PMOS -
~ 1.5 mV (large devices)
Poly resistor characteristics
250 ppm/ C, 250 A/ m RMS current density,
100 /square 30%
P-well resistor characteristics
2500 ppm/ C, 20 A/ m RMS current density,
-2000 ppm/V, 2500 /square, 35%
Linear capacitor characteristics
-100 ppm/V, 0.5 fF/ m2,20 ppm/ C
The HMX2000 family has a cold sparing feature to
allow a chip level power down mode, in which the
associated busses connected to the chip can remain
active. This high impedance off-state buffer feature
allows users to power down portions of their system
for power savings.
Honeywell’s VDSTM design kit and SOI libraries
provide the necessary guidance to achieve first pass
design success. The VDS design kit supports
industry leading Electronic Design Automation tools
including those offered by Mentor Graphics,
Synopsys, and Cadence. Honeywell can perform
design translations to the HMX2000 ASIC family
from other Computer Aided Design platforms.
Customers may use familiar CAD tools and libraries
to map existing designs to Honeywell library
components.
Any analog tools capable of SPICE simulation can
be used to design the analog part of the mixed mode
design. Honeywell will provide SOI-IV Mixed
Signal Design Guidelines to assist users in the
design of analog functions. The basic technology
parameters such as capacitance, sheet resistance,
maximum operating voltage and electromigration
limits along with BSIM device models are
documented in the SOI-IV Electrical Rules and are
available to designers.
Honeywell assigns a Customer Design Engineer to
each
ASIC
program
to
provide
technical
assistance, telephone support, and to coordinate
the design through mask release. A project
manager is also assigned to communicate fab, test
and package assembly status. The HMX2000
mixed mode ASIC family provides customers with
an integration capability that can improve system
performance while reducing power and provides
system cost savings.
To learn more about
Honeywell’s variety of custom and semi-custom
IC products, call us at 763-954-2888.
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design.
Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein: neither does it
convey any license under its patent rights nor the rights of others. 11/01
900300
01/03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com