Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIPER53ESPTR-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER53ESPTR-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESPTR-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER53ESPTR-E Datasheet HTML 11Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 12Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 13Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 14Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 15Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 16Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 17Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 18Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
VIPer53EDIP - E / VIPer53ESP - E
Short-Circuit and Overload Protection
DocRev1
15/31
9
Short-Circuit and Overload Protection
A VCOMPovl threshold of about 4.4V has been implemented on the COMP pin. When VCOMP
goes above this level, the capacitor connected on the TOVL pin begins to charge. When
reaching typically VOVLth (4V), the internal MOSFET driver is disabled and the device stops
switching. This state is latched because of to the regulation loop which maintains the COMP
pin voltage above the VCOMPovl threshold. Since the VDD pin does not receive any more
energy from the auxiliary winding, its voltage drops down until it reaches VDDoff and the
device is reset, recharging the VDD capacitor for a new restart cycle. Note: If VCOMP drops
below the VCOMPovl threshold for any reason during the VDD drop, the device resumes
switching immediately.
The device enters an endless restart sequence if the overload or short circuit condition is
maintained. The restart duty cycle DRST is defined as the time ratio for which the device tries
to restart, thus delivering its full power capability to the output. In order to keep the whole
converter in a safe state during this event, DRST must be kept as low as possible, without
compromising the real start-up of the converter. A typical value of about 10% is generally
sufficient. For this purpose, both VDD and TOVL capacitors can be used to satisfy the
following conditions:
Refer to the previous start-up section for the definition of tss, and CVDD must also be
checked against the limit given in this section. The maximum value of the two calculus will
be adopted.
All this behavior can be observed on Figure 2 on page 7. In Figure 7 on page 20 the value of
the drain current Id for VCOMP = VCOMPovl is shown. The corresponding parameter IDmax is
the drain current to take into account for design purposes. Since IDmax represents the
maximum value for which the overload protection is not triggered, it defines the power
capability of the power supply.
C
OVL
12.5 10
6
–
tss
⋅⋅
>
C
VDD
810
4
1
D
RST
--------------
1
–
⎝⎠
⎛⎞ COVL IDDch2
⋅
V
DDh yst
------------------------------------
⋅⋅
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com