Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP3152F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3152F
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3152F Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3152F Datasheet HTML 1Page - Diodes Incorporated AP3152F Datasheet HTML 2Page - Diodes Incorporated AP3152F Datasheet HTML 3Page - Diodes Incorporated AP3152F Datasheet HTML 4Page - Diodes Incorporated AP3152F Datasheet HTML 5Page - Diodes Incorporated AP3152F Datasheet HTML 6Page - Diodes Incorporated AP3152F Datasheet HTML 7Page - Diodes Incorporated AP3152F Datasheet HTML 8Page - Diodes Incorporated AP3152F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP3152
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
1 of 11
SEPTEMBER 2007
www.diodes.com
© Diodes Incorporated
Up to 88% Max power efficiency
Wide input voltage range: 2.7V ~ 5.5V
1x, 1.5x, and 2x charge-pump modes
Drive up to 4 white LEDs
120mA maximum output current through 4 channels
Programmable switching frequency, default 1.2MHz
Up Spread Spectrum Control with 10% frequency
deviation
1-wire Serial Digital Interface (SDI) or
PWM for dimming control
Soft-start during power-up and mode
switching
Soft-stop during shutdown
Short-circuit protection
Over-voltage protection and under-voltage lockout
Low quiescent current < 1
µA
Industry-leading low profile package
Lead Free package: DFN3030-12
DFN3030-12: Available in “Green” Molding Compound
(No Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
The AP3152 is a high efficiency charge-pump white LED driver
with 1x, 1.5x, 2x operating modes. The AP3152 operates on
power supplies from 2.7v to 5.5v.
It drives up to four channels of
white LEDs while the intensity of each channel is configured by
varying the respective current levels. Each channel can supply up
to 30mA current. Up to four channels can be ganged together to
provide maximum load current of 120mA.
The Serial Digital Interface (SDI) provides the capability to
configure the current for each LED channel. Some of other key
features, such as Up Spread Spectrum Control, different
charge-pump switching frequencies (0.6MHz/1.2MHz/1.8MHz),
and PWM dimming control, can also be programmed through the
interface.
The AP3152 has built-in soft-start circuit to minimize the inrush
current during power-up and mode switching. Various protections
such as short-circuit, over-voltage, under-voltage, and thermal
shutdown are integrated to ensure system reliability. The
quiescent current of AP3152 during shutdown is less than 1
µA.
Mobile Phone
PDA (Personal Digital Assistant)
White LED Backlighting
Camera Flash LED Lighting
LCD Modules
Portable Devices
Ordering Information
Package
F : DFN3030-12
AP 3152 X X X
Packing
-7 : Taping
Lead Free
G : Green
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP3152F
F
DFN3030-12
3000/Tape & Reel
-7
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP3152F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
More results

Similar Description - AP3152F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com