Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5098 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STW5098 Datasheet HTML 53Page - STMicroelectronics STW5098 Datasheet HTML 54Page - STMicroelectronics STW5098 Datasheet HTML 55Page - STMicroelectronics STW5098 Datasheet HTML 56Page - STMicroelectronics STW5098 Datasheet HTML 57Page - STMicroelectronics STW5098 Datasheet HTML 58Page - STMicroelectronics STW5098 Datasheet HTML 59Page - STMicroelectronics STW5098 Datasheet HTML 60Page - STMicroelectronics STW5098 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
STw5098
Audio interfaces
57/85
Table 33.
Audio interface signal timings
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
DSY
Delay of
AD_SYNC/DA_SYNC
edge from AD_CK/DA_CK
active edge
Master Mode
10
ns
tSDDA
Setup time DA_DATA to
DA_CK active edge
10
ns
tHDDA
Hold time DA_DATA from
DA_CK active edge
10
ns
tDAD
Delay of AD_DATA edge
from AD_CK active edge
30
ns
tDADST
Delay of the first AD_DATA
edge from AD_SYNC
active edge
AD_SYNC active edge comes
after AD_CK active edge
30
ns
tDADZ
Delay of AD_DATA high
impedance from
AD_SYNC inactive edge
PCM format
10
50
ns
tSSY
Setup time
AD_SYNC/DA_SYNC to
AD_CK/DA_CK active
edge
Slave Mode
20
ns
tHSY
Hold time
AD_SYNC/DA_SYNC from
AD_CK/DA_CK active
edge
Slave Mode
20
ns
tPCK
Period of AD_CK/DA_CK
Slave Mode
100
ns
tHCK
AD_CK/DA_CK pulse
width high
Measured from VIH to VIH
40
ns
tLCK
AD_CK/DA_CK pulse
width low
Measured from VIL to VIL
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com