Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5098BBLR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 19Page - STMicroelectronics STW5098BBLR Datasheet HTML 20Page - STMicroelectronics STW5098BBLR Datasheet HTML 21Page - STMicroelectronics STW5098BBLR Datasheet HTML 22Page - STMicroelectronics STW5098BBLR Datasheet HTML 23Page - STMicroelectronics STW5098BBLR Datasheet HTML 24Page - STMicroelectronics STW5098BBLR Datasheet HTML 25Page - STMicroelectronics STW5098BBLR Datasheet HTML 26Page - STMicroelectronics STW5098BBLR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
STw5098
Functional description
23/85
Each stereo Microphone preamplifier is powered up with bits ENMICL and ENMICR in
CR1.
●
Line In amplifier: each line in amplifier is designed for high level input signal. The input
gain is in the range -20 dB up to 18 dB. The Line In amplifier input is selected with bits
LINSEL in CR18, and it is disconnected when LINMUTE=1. If a single ended input is
selected then the amplifier uses the selected pin as the positive input and connects the
negative input (for both left and right channels) to CAPLINEIN pin, which has to be
connected through a capacitor to a low noise ground (typically the same reference
ground of the input).
The stereo Line In amplifier is powered up with bits ENLINL and ENLINR in CR1.
4.10
Analog output drivers
Each entity of the STw5098 provides 3 different analog signal outputs and 1 common mode
reference output. The description here below is for one entity. VCCP and VCCL are common
for both entities.
●
Line out drivers: it is a stereo differential output, it can be used as single-ended output
just by using the positive or negative pin. It can drive 1 k
Ω resistive load. The load can
be connected between the positive and negative pins or between one pin and ground
through a decoupling capacitor. The output gain is regulated with LOG bits in CR7, in
the range 0 to -18 dB, simultaneously for left and right channels. When used as a single
ended output the effective gain is 6 dB lower. It is muted with bit MUTELO in CR19. The
input signal of this stereo output can come from the analog mixer or directly from MIC
preamplifiers. The output Common Mode Voltage level is controlled with bits VCML in
CR19. The supply voltage of line out drivers is VCCP.
The line out drivers are powered up with bits ENLOL and ENLOR in CR1. The output
pins are in high impedance state with a 180k
Ω pull-down resistor when the line out
drivers are powered down.
●
Headphones drivers: it is a stereo single ended output. It can drive 16 ohm resistive
load and deliver up to 40 mW. The output gain is regulated with HPLG and HPRG bits
in CR8 and CR9 respectively, with a range of -40 to 6 dB. It is muted with bit MUTEHP
in CR19. The input signal of this stereo output comes from the analog mixer.The output
common mode voltage is controlled with bits VCML in CR19. The supply voltage of
headphones drivers is VCCP.
The headphones drivers are powered up with bits ENHPL and ENHPR in CR2.The
output pins are in high impedance state when the headphones drivers are powered
down.
●
Common mode voltage driver: it is a single ended output with output voltage value
selectable with bits VCML in CR19, from 1.2 V to 1.65 V in steps of 150 mV. The output
voltage should be set to the value closest to VCCP/2 to optimize output drivers
performance. The common mode voltage driver is designed to be connected to the
common pin of stereo headphones, so that decoupling capacitors are not needed at
HPL and HPR outputs. The supply voltage of the common mode voltage driver is
VCCP.
The common mode voltage driver is powered up with bit ENHPVCM in CR2.The output
pin is in high impedance state when the common mode voltage driver is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com