Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM-52GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-52GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-52GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-52GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
99
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
PLANETARY GEARBOX
PRECISION SERIES
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
Download datasheet:
https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
2
3
4
Axial play
Directions
Radial Play (12mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (12mm from flange)
Straight teeth
Stainless steel hardened
Alloy steel hardened
Alloy steel hardened
Aluminium alloy
Ball bearing
0-0.3
CW/CCW
max 0.1mm
max. 500 N
Permisssible axial load (dynamic)
max. 200N
6000RPM
-
40ºC ~ +100ºC
10-90%RH
1
2
3
4
420N
630N 900N
900N
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gear box length L1
Motor length L
2
Encoder length L
3
Gearbox weight approx (g)
AM-52GP Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
-
Suitable for Brushless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN3612T***
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-52GP Series
Motor shaft max. diametre (mm)
10
8
10
8
10
8
10
8
gearbox model
0.7
20°
-
15
19
-
8.0
10
12
18
24
79.3
19
0
100
10.7
MOTOR DIMENSION
-
8.0
10
Coreless Motor (w/E)
-
Brushless Motor (w/E)
19
26
12
15
21
43
5
3
66
74
126
3.5
150
186
230
257
285
4.3
319
394
441
756
353
488
546
676
936
81
91
113
156
169/9
26/1
49/4
91/6
21/1
7/2
343/8
637/12
1183/18
147/2
126/1
13/3
2401/16
4459/24
8281/36
1029/4
15379/54
637/2
1183/3
441/1
756/1
28561/81
4394/9
546/1
676/1
936/1
2197/27
91/1
338/3
156/1
AM-52GPD-X
AM-52GPB-X
AM-52GPA-X
AM-52GPC-X
65%
45
30
9
5.8
79.3
30
45
73%
81%
22.5
15
6
2.8
4
6.3
4
6
90%
1140
930
720
510
21.07
21.06
20.98
19.99
0.6°
0.7°
0.7°
0.7°
AM-BL4060BF
AM-BL45100AN
AM-BL45100BF
AM-BD45100AN
546
546/1


Similar Part No. - AM-52GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM-520 ETC2-AM-520 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
AM-520-EUR ETC-AM-520-EUR Datasheet
1Mb / 2P
Digital Multimeters
logo
ASSUN MOTOR Pte Ltd.
AM-52HP ASSUN-AM-52HP Datasheet
235Kb / 1P
HIGH PERFORMANCE SERIES
2023
More results

Similar Description - AM-52GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com