Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8270 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-13
18
ILOCK
Instruction cache lock
0 Normal operation
1 Instruction cache is locked. A locked cache supplies data normally on a hit, but an access is
treated as a cache-inhibited transaction on a miss. On a miss, the transaction to the bus is
single-beat, however, CI still reflects the original state as determined by address translation
independent of cache locked or disabled status.
To prevent locking during a cache access, an isync must precede the setting of ILOCK.
19
DLOCK
Data cache lock
0 Normal operation
1 Data cache is locked. A locked cache supplies data normally on a hit but an access is treated
as a cache-inhibited transaction on a miss. On a miss, the transaction to the bus is single-beat,
however, CI still reflects the original state as determined by address translation independent
of cache locked or disabled status. A snoop hit to a locked L1 data cache performs as if the
cache were not locked. A cache block invalidated by a snoop remains invalid until the cache is
unlocked.
To prevent locking during a cache access, a sync must precede the setting of DLOCK.
20
ICFI
Instruction cache flash invalidate 2
0 The instruction cache is not invalidated. The bit is cleared when the invalidation operation
begins (usually the next cycle after the write operation to the register). The instruction cache
must be enabled for the invalidation to occur.
1 An invalidate operation is issued that marks the state of each instruction cache block as invalid
without writing back modified cache blocks to memory. Cache access is blocked during this
time. Bus accesses to the cache are signaled as a miss during invalidate-all operations. Setting
ICFI clears all the valid bits of the blocks and the PLRU bits to point to way L0 of each set. Once
the L1 flash invalidate bits are set through an mtspr instruction, hardware automatically resets
these bits in the next cycle (provided that the corresponding cache enable bits are set in HID0).
21
DCFI
Data cache flash invalidate 2
0 The data cache is not invalidated. The bit is cleared when the invalidation operation begins
(usually the next cycle after the write operation to the register). The data cache must be
enabled for the invalidation to occur.
1 An invalidate operation is issued that marks the state of each data cache block as invalid
without writing back modified cache blocks to memory. Cache access is blocked during this
time. Bus accesses to the cache are signaled as a miss during invalidate-all operations. Setting
DCFI clears all the valid bits of the blocks and the PLRU bits to point to way L0 of each set.
Once the L1 flash invalidate bits are set through an mtspr instruction, hardware automatically
resets these bits in the next cycle (provided that the corresponding cache enable bits are set
in HID0).
22–23
—
Reserved
24
IFEM
Enable M bit on 60x bus for instruction fetches
0 M bit not reflected on 60x bus. Instruction fetches are treated as nonglobal on the bus.
1 Instruction fetches reflect the M bit from the WIM settings on the 60x bus.
25–26
—
Reserved
27
FBIOB
Force branch indirect on bus.
0 Register indirect branch targets are fetched normally
1 Forces register indirect branch targets to be fetched externally.
28
ABE
Address broadcast enable
0
dcbf, dcbi, and dcbst instructions are not broadcast on the 60x bus.
1
dcbf, dcbi, and dcbst generate address-only broadcast operations on the 60x bus.
Table 2-1. HID0 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com