Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8270 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
xviii
Freescale Semiconductor
Contents
Paragraph
Number
Title
Page
Number
Chapter 10
Clocks and Power Control
10.1
MPC8280 Clock Block Diagram ................................................................................... 10-1
10.1.1
Main PLL................................................................................................................... 10-1
10.1.2
Core PLL.................................................................................................................... 10-2
10.1.3
Skew Elimination....................................................................................................... 10-2
10.1.4
Dividers...................................................................................................................... 10-2
10.1.5
Internal Clock Signals................................................................................................ 10-2
10.1.6
PCI Bridge as an Agent Operating from the PCI System Clock ............................... 10-4
10.1.7
PCI Bridge as a Host Generating the PCI System Clock .......................................... 10-4
10.2
External Clock Inputs .................................................................................................... 10-5
10.3
PLL Pins ....................................................................................................................... 10-5
10.4
System Clock Control Register (SCCR)........................................................................ 10-6
10.5
System Clock Mode Register (SCMR).......................................................................... 10-7
10.5.1
Core PLL Configurations........................................................................................... 10-8
10.6
Clock Configuration Modes........................................................................................... 10-9
Chapter 11
Memory Controller
11.1
Features .......................................................................................................................... 11-3
11.2
Basic Architecture.......................................................................................................... 11-4
11.2.1
Address and Address Space Checking....................................................................... 11-7
11.2.2
Page Hit Checking ..................................................................................................... 11-8
11.2.3
Error Checking and Correction (ECC) ...................................................................... 11-8
11.2.4
Parity Generation and Checking ................................................................................ 11-8
11.2.5
Transfer Error Acknowledge (TEA) Generation ....................................................... 11-8
11.2.6
Machine Check Interrupt (MCP) Generation ............................................................ 11-9
11.2.7
Data Buffer Controls (BCTLx and LWR) ................................................................. 11-9
11.2.8
Atomic Bus Operation ............................................................................................... 11-9
11.2.9
Data Pipelining ......................................................................................................... 11-9
11.2.10
External Memory Controller Support ...................................................................... 11-10
11.2.11
External Address Latch Enable Signal (ALE) ......................................................... 11-10
11.2.12
ECC/Parity Byte Select (PBSE) .............................................................................. 11-10
11.2.13
Partial Data Valid Indication (PSDVAL) ..................................................................11-11
11.2.14
BADDR[27:31] Signal Connections ....................................................................... 11-12
11.3
Register Descriptions ................................................................................................... 11-12
11.3.1
Base Registers (BRx) ............................................................................................... 11-13
11.3.2
Option Registers (ORx) ........................................................................................... 11-15
11.3.3
60x SDRAM Mode Register (PSDMR) .................................................................. 11-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com