Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8270 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-25
2.6
Memory Management
The following subsections describe the memory management unit (MMU) features of the PowerPC
architecture and the G2_LE implementation.
2.6.1
PowerPC Memory Management
The primary functions of the MMU are to translate logical (effective) addresses to physical addresses for
memory accesses and to provide access protection on blocks and pages of memory.
The core generates two types of accesses that require address translation: instruction accesses and data
accesses to memory generated by load and store instructions.
The PowerPC MMU and exception model support demand-paged virtual memory. Virtual memory
management permits execution of programs larger than the size of physical memory; demand-paged
memory implies that individual pages are loaded into physical memory from system memory only when
they are first accessed by an executing program.
The hashed page table is a variable-sized data structure that defines the mapping between virtual page
numbers and physical page numbers. The page table size is a power of two, and its starting address is a
multiple of its size.
The page table contains a number of page table entry groups (PTEGs). A PTEG contains eight page table
entries (PTEs) of 8 bytes each; therefore, each PTEG is 64 bytes long. PTEG addresses are entry points for
table search operations.
Address translations are enabled by setting bits in the MSR. MSR[IR] enables instruction address
translations, and MSR[DR] enables data address translations.
2.6.2
Implementation-Specific MMU Features
The instruction and data memory management units in the G2_LE core provide 4 Gbytes of logical address
space accessible to supervisor and user programs with a 4-Kbyte page size and 256-Mbyte segment size.
Block sizes range from 128 Kbytes to 256 Mbytes and are software selectable. In addition, the core uses
an interim 52-bit virtual address and hashed page tables for generating 32-bit physical addresses. The
MMUs in the G2_LE core rely on the exception processing mechanism for the implementation of the
paged virtual memory environment and for enforcing protection of designated memory areas.
Instruction and data TLBs provide address translation in parallel with the on-chip cache access, incurring
no additional time penalty in the event of a TLB hit. A TLB is a cache of the most recently used page table
System
management
interrupt
01400
A system management interrupt is caused when MSR[EE] = 1 and the SMI input
signal is asserted.
Reserved
01500–02FFF
—
Table 2-5. Exceptions and Conditions (continued)
Exception
Type
Vector Offset
(hex)
Causing Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com