Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA333ML Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA333ML
Description  Sound Terminal TM 2 channel microless high efficiency digital audio system
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA333ML Datasheet HTML 7Page - STMicroelectronics STA333ML Datasheet HTML 8Page - STMicroelectronics STA333ML Datasheet HTML 9Page - STMicroelectronics STA333ML Datasheet HTML 10Page - STMicroelectronics STA333ML Datasheet HTML 11Page - STMicroelectronics STA333ML Datasheet HTML 12Page - STMicroelectronics STA333ML Datasheet HTML 13Page - STMicroelectronics STA333ML Datasheet HTML 14Page - STMicroelectronics STA333ML Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package thermal characteristics
STA333ML
12/15
6
Package thermal characteristics
A thermal resistance of 25 °C per Watt can be achieved using a ground copper area of
3 x 3 cm, and using 16 vias, on the PCB (see Figure 7). The amount of power dissipated
within the device depends primarily on the supply voltage, load impedance and output
modulation level.
The max estimated dissipated power for the STA333ML is 3 W. This gives, with the
suggested board copper area, a maximum
∆Tj of 75 °C. This gives a safety margin before
the thermal protection intervention is invoked (Tj=150 °C) in consumer environments where
a 50 °C is the maximum ambient temperature.
Figure 7.
Thermal characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com