Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HE84770 Datasheet(PDF) 21 Page - King blillion Electronics Co.,Ltd.

Part # HE84770
Description  8-bit Micro-controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84770 Datasheet(HTML) 21 Page - King blillion Electronics Co.,Ltd.

Back Button HE84770 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE84770 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
King Billion Electronics Co., Ltd
駿
HE84770
HE80000 SERIES
August 25, 2003
Page 21 of 30
V2.6E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
with the value of T2H and T2L.
Please note that the interrupt signal is generated when counter counts from 0000H to FFFFH. If the value
of counter is N, and count down to FFFFH, the total count is N+1. The content of counter is zero when
system resets. Once it is enabled to count at this time, the interrupt will be generated immediately and
value of T2H and T2L will be loaded since the counter counts to FFFFH. So the T2H and T2L value
should be set before enabling Timer2.
T2H
T2L
"Timer2 Counter"
decreases 1
Count TO
0xFFFFh
Auto reload when
Timer2 underflow
No
Start Timer2
Interrupt Request.
Yes
The contents of T2H and
T2L almost loaded into
Timer2 immediately
when Timer2 is turned on
after reset.
T2_INT
The Timer2 related control registers are list as below:
Register Address
Field
Bit position Mode
Description
IER
0x02
TC2_IER
1
R/W 0: TC2 interrupt is disabled. (default)
1: TC2 interrupt is enabled.
T2L
0x05
T2L[7:0]
7~0
W
Low byte of TC2 pre-load value
T2H
0x06
T2H[7:0]
7~0
W
High byte of TC2 pre-load value
OP1
0x09
TC2E
3
R/W 0: TC2 is disabled. (default)
1: TC2 is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com