Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HE84760 Datasheet(PDF) 27 Page - King blillion Electronics Co.,Ltd.

Part # HE84760
Description  8-bit Micro-controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84760 Datasheet(HTML) 27 Page - King blillion Electronics Co.,Ltd.

Back Button HE84760 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84760 Datasheet HTML 31Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
King Billion Electronics Co., Ltd
駿
HE84760
HE80000 SERIES
August 15, 2003
Page 27 of 31
V1.2
This specification is subject to change without notice. Please contact sales person for the latest version before use.
18. Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
VDD
-0.5V ~ 4.0V
LCD Operating Voltage
VLVL5
< 8.5 V
Input Voltage
VIN
-0.5V ~ VDD+0.5V
Output Voltage
VO
-0.5V ~ VDD+0.5V
Operating Temperature
TOP
0°C ~ 70°C
Storage Temperature
TST
-50°C ~ 100°C
19. Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
VDD
2.4V ~ 3.6V
VIH
0.9 VDD ~ VDD
Input Voltage
VIL
0.0V ~ 0.1VDD
8 MHz
VDD =3.0V
Operating Frequency
FMAX
6 MHz
VDD =2.4V
Operating Temperature
TOP
0°C ~ 70°C
Storage Temperature
TST
-50°C ~ 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com