Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CX1HSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX1HSM
Description  Miniature Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX1HSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX1HSM Datasheet HTML 1Page - STATEK CORPORATION CX1HSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
10 kHz to 600 kHz
Standard Calibration Tolerance* (see table below)
Motional Resistance (R1)
Figure 1
MAX.: 10-169.9 kHz, 2x Typ.
170-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX
Drive Level
10-24.9 kHz 1.5
µW MAX
25-600 kHz 3.0
µW MAX
Turning Point (T0)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
OC2
Aging, first year
5 ppm MAX
Shock, survival***
1,000 g, 1ms, 1/2 sine
Vibration, survival***
20 g RMS, 10-2,000 Hz
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
O C for 20 sec.
*Tighter frequency calibration available.
** Other turning point available.
*** Higher shock and vibration available.
CX1HSM Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
10-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Operating Temp. Range:
C= -10
OC to +70OC
I= -40
OC to +85OC
M= -55
OC to +125OC
S= Customer Specified
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
10122 - Rev D
HOW TO ORDER CX1HSM CRYSTALS
CX1H
S
C
SM1
32.768K
,
30
/
M
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
Blank= Glass Lid
C=Ceramic Lid
PACKAGING
CX1HSM
- Tray Pack
- 16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
FIGURE 1
CX1H TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX1H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX1H TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX1H TYPICAL TURNING POINT TEMP. (T
0)
1000
500
200
100
50
20
10
10
20
50
100 200
600
Frequency (kHz)
10
20
50
100
200
600
Frequency (kHz)
50
20
10
5
2
10
20
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
10
20
50
100 200
600
Frequency (kHz)
5
2
1.0
0.5
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
Calibration
Tolerance
@ 25
OC
(in ppm)
“S” if special or
custom design.
Blank if Std.
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
f-f0
=
k(T-T0)
2
f0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com