Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7294 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7294
Description  100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7294 Datasheet HTML 1Page - STMicroelectronics TDA7294 Datasheet HTML 2Page - STMicroelectronics TDA7294 Datasheet HTML 3Page - STMicroelectronics TDA7294 Datasheet HTML 4Page - STMicroelectronics TDA7294 Datasheet HTML 5Page - STMicroelectronics TDA7294 Datasheet HTML 6Page - STMicroelectronics TDA7294 Datasheet HTML 7Page - STMicroelectronics TDA7294 Datasheet HTML 8Page - STMicroelectronics TDA7294 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
APPLICATION SUGGESTIONS (see Test and Application Circuits of the Fig. 1)
The recommended values of the external components are those shown on the application circuit of Fig-
ure 1. Different values can be used; the following table can help the designer.
COMPONENTS
SUGGESTED VALUE
PURPOSE
LARGER THAN
SUGGESTED
SMALLER THAN
SUGGESTED
R1 (*)
22k
INPUT RESISTANCE
INCREASE INPUT
IMPRDANCE
DECREASE INPUT
IMPEDANCE
R2
680
CLOSED LOOP GAIN
SET TO 30dB (**)
DECREASE OF GAIN INCREASE OF GAIN
R3 (*)
22k
INCREASE OF GAIN
DECREASE OF GAIN
R4
22k
ST-BY TIME
CONSTANT
LARGER ST-BY
ON/OFF TIME
SMALLER ST-BY
ON/OFF TIME;
POP NOISE
R5
10k
MUTE TIME
CONSTANT
LARGER MUTE
ON/OFF TIME
SMALLER MUTE
ON/OFF TIME
C1
0.47
µF
INPUT DC
DECOUPLING
HIGHER LOW
FREQUENCY
CUTOFF
C2
22
µF
FEEDBACK DC
DECOUPLING
HIGHER LOW
FREQUENCY
CUTOFF
C3
10
µF
MUTE TIME
CONSTANT
LARGER MUTE
ON/OFF TIME
SMALLER MUTE
ON/OFF TIME
C4
10
µF
ST-BY TIME
CONSTANT
LARGER ST-BY
ON/OFF TIME
SMALLER ST-BY
ON/OFF TIME;
POP NOISE
C5
22
µF
BOOTSTRAPPING
SIGNAL
DEGRADATION AT
LOW FREQUENCY
C6, C8
1000
µF
SUPPLY VOLTAGE
BYPASS
DANGER OF
OSCILLATION
C7, C9
0.1
µF
SUPPLY VOLTAGE
BYPASS
DANGER OF
OSCILLATION
(*) R1 = R3 FOR POP OPTIMIZATION
(**) CLOSED LOOP GAIN HAS TO BE
≥ 24dB
TDA7294
5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com