Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PJSDA6V1W5 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSDA6V1W5
Description  QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSDA6V1W5 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSDA6V1W5 Datasheet HTML 1Page - Pan Jit International Inc. PJSDA6V1W5 Datasheet HTML 2Page - Pan Jit International Inc. PJSDA6V1W5 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10/1/2005
Page 2
www.panjit.com
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
time, µsec
50% of Ipp @ 20µs
Rise time 10-90% - 8µs
TYPICAL CHARACTERISTICS
PJSDA6V1W5
Clamping Voltage vs Ipp 8x20µsec Surge
0
2
4
6
8
10
12
14
16
6
7
8
9
10
11
12
Clam ping Voltage, V
Capacitance vs. Biasing Voltage @1MHz
0
50
100
150
200
01
23
4
5
Bias Voltage , Vdc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com