Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP2001PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IP2001PBF
Description  Synchronous Buck Multiphase Optimized BGA Power Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2001PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IP2001PBF Datasheet HTML 2Page - International Rectifier IP2001PBF Datasheet HTML 3Page - International Rectifier IP2001PBF Datasheet HTML 4Page - International Rectifier IP2001PBF Datasheet HTML 5Page - International Rectifier IP2001PBF Datasheet HTML 6Page - International Rectifier IP2001PBF Datasheet HTML 7Page - International Rectifier IP2001PBF Datasheet HTML 8Page - International Rectifier IP2001PBF Datasheet HTML 9Page - International Rectifier IP2001PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.irf.com
10
iP2001PbF
0123
XXXX
iP2001
0123
iP2001
XXXX
1. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES:
16mm
FEED DIRECTION
24mm
iP2001PbF, BGA
iP2001PbF
iP2001PbF
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.08/06
Fig.12: Tape & Reel Information
Fig.11: Part Marking
iP2001
XXXX
0123
iP2001PbF
xx
XX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com