| Electronic Components Datasheet Search |
|
74ACT3301 Datasheet(PDF) 5 Page - Silicon Supplies |
|
|
|||||||||||||||||||||||||||||
74ACT3301 Datasheet(HTML) 5 Page - Silicon Supplies |
|
5 / 10 page ![]() Page 5 of 10 www.siliconsupplies.com CMOS Clock Generator – 74ACT3301 Rev 1.1 06/05/19 Absolute Maximum Ratings1 PARAMETER SYMBOL VALUE UNIT Supply Voltage Range VCC -0.5 to +7.0 V Input Voltage Range VIN -0.5 to +7.0 V Output Voltage Range VOUT -0.5 to VCC +0.5 V Input Diode Current IIK ±9 mA Output Diode Current IOK ±20 mA Output Source or Sink Current IOUT ±70 mA Storage Temperature TSTG -65 to +150 °C Power Dissipation in Still Air 2 PD 500 mW DC Electrical Characteristics (+4.5V ≤ V CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified) 1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce device reliability. 2. Measured in 16 lead ceramic package, results in die form are dependent on die attach and assembly method. Recommended Operating Conditions LIMITS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS VCC = 4.5V 2 - - Minimum high level input voltage. TTL (OEH, OEL) VIH1 VCC = 5.5V 2 - - V VCC = 4.5V - - 0.8 Maximum low level input voltage. TTL (OEH, OEL) VIL1 VCC = 5.5V - - 0.8 V PARAMETER SYMBOL MIN MAX UNITS Operating Temperature TJ -40 +85 °C DC Supply Voltage VCC +4.5 +5.5 V Input voltage range VIN 0 +5.5 V Output Voltage Range VOUT 0 VCC V Maximum low level input voltage (VIL1) (OEH, OEL) - 0.8 V Minimum high level input voltage (VIH1) (OEH, OEL) - 2 V Maximum low level input voltage (VIL2) (DIVA) 30% VCC V Minimum high level input voltage (VIH2) (DIVA) 70% VCC V Maximum low level input voltage (VIL3) (OSC_DR, DIVB) 10% VCC V One-half input voltage level (V½) (OSC_DR, DIVB) 50% VCC V Minimum high level input voltage (VIH3) (OSC_DR, DIVB) 90% VCC V Maximum high level output current IOH - -48 Ma Maximum low level output current IOL - +48 mA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |