Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LS86A Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74LS86A
Description  Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LS86A Datasheet(HTML) 1 Page - Silicon Supplies

  74LS86A Datasheet HTML 1Page - Silicon Supplies 74LS86A Datasheet HTML 2Page - Silicon Supplies 74LS86A Datasheet HTML 3Page - Silicon Supplies 74LS86A Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Low Power Schottky Logic – 74LS86A
Rev 1.0
21/11/17
 
Quadruple 2-Input Exclusive OR Gate IC in bare die form
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1330 x 1090
52 x 43
µm
mils
Minimum Bond Pad Size
98 x 98
3.86 x 3.86
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High speed – 22ns (Typ) propagation delay
Low Power – ICC 10mA Max
Direct drop-in replacement for obsolete
components in long term programs.
 
Features:
The following part suffixes apply:
Description
The 74LS86A is fabricated using a 2µm 40V Bipolar
process. The device contains four independent gates
and performs the Boolean functions Y = A ⊕ B = AB +
AB in positive logic.
Ordering Information
Die Dimensions in µm (mils)
1330 (52)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54LS86A
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Plastic Package – On request
Page 1 of 4 
www.siliconsupplies.com


Similar Part No. - 74LS86A

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
More results

Similar Description - 74LS86A

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74LS04 SS-74LS04 Datasheet
435Kb / 4P
Low Power Schottky Logic
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
74LS138 SS-74LS138 Datasheet
520Kb / 4P
Low Power Schottky Logic
54LS04 SS-54LS04 Datasheet
331Kb / 4P
Low Power Schottky Logic
54LS86A SS-54LS86A Datasheet
409Kb / 4P
Low Power Schottky Logic
54LS138 SS-54LS138 Datasheet
350Kb / 4P
Low Power Schottky Logic
54HCT00 SS-54HCT00_V01 Datasheet
565Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
54ALS51 SS-54ALS51 Datasheet
590Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 24/11/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com