Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIS3045F Datasheet(PDF) 2 Page - Silicon Supplies

Part # SIS3045F
Description  Monolithic Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS3045F Datasheet(HTML) 2 Page - Silicon Supplies

  SIS3045F Datasheet HTML 1Page - Silicon Supplies SIS3045F Datasheet HTML 2Page - Silicon Supplies SIS3045F Datasheet HTML 3Page - Silicon Supplies SIS3045F Datasheet HTML 4Page - Silicon Supplies SIS3045F Datasheet HTML 5Page - Silicon Supplies SIS3045F Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
d
Monolithic Transistor Array – SiS3045F
Rev 1.1
20/10/17
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC Electrical Characteristics T
A = 25°C unless otherwise stated
Collector to Base Breakdown Voltage
V(BR)CBO
IC = 10μA, IE= 0
20
60
-
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown
Voltage
V(BR)CIO
IC = 10μA, ICI = 0
20
60
-
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE = 10μA, IC= 0
5
7
-
V
Collector Cutoff Current
ICBO
VCB = 10V, IE = 0
-
0.002
40
nA
Collector Cutoff Current (Figure 2)
ICEO
VCE = 10V, IB = 0
-
FIG 2
0.5
µA
IC = 10mA
-
100
-
-
IC = 1mA
40
100
-
-
Forward Current Transfer Ratio
(Static Beta) (Note 3) (Figure 3)
hFE
VCE =3V
IC = 10µA
-
54
-
-
Input Offset Current for Matched Pair
Q1 and Q2. (Note 2) (Figure 4)
|IIO1 - IIO2|
VCE = 3V, IC = 1mA
-
0.3
2
µA
IE = 1mA
-
0.715
-
Base-to-Emitter Voltage (Note 2)
(Figure 5)
VBE
VCE = 3V
IE =10mA
-
0.800
-
V
Magnitude of Input Offset Voltage for
Differential Pair (Note 2) (Figures 5, 7)
|VBE1 - VBE2|
VCE = 3V, IC = 1mA
-
0.45
5
mV
Magnitude of Input Offset Voltage for
Isolated Transistors. (Note 2)
(Figures 5, 7)
|VBE3 - VBE4|
|VBE4 - VBE5|
|VBE5 - VBE3|
VCE = 3V, IC = 1mA
-
0.45
5
mV
Temperature Coefficient of Base-to-
Emitter Voltage (Figure 6)
ΔVBE
ΔT
VCE = 3V, IC = 1mA
-
-1.9
-
mV/°C
Collector-to-Emitter Saturation Voltage
VCES
IB = 1mA, IC = 10mA
-
0.23
-
V
Temperature Coefficient: Magnitude of
Input Offset Voltage (Figure 7)
|ΔVIO|
ΔT
VCE = 3V, IC = 1mA
-
1.1
-
µV/°C
Dynamic Electrical Characteristics T
A = 25°C unless otherwise stated
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Low Frequency Noise Figure
(Figure 9)
NF
f = 1 kHz, VCE = 3V
IC = 100μA, Source
Resistance = 1kΩ
-
3.25
-
dB
Low Frequency, Small Signal Equivalent Circuit Characteristics
Forward Current Transfer Ratio
(Figure 11)
hFE
f = 1 kHz
VCE = 3V, IC = 1mA
-
110
-
-
Short Circuit Input Impedance
(Figure 11)
hIE
f = 1 kHz
VCE = 3V, IC = 1mA
-
3.5
-
kΩ
Open Circuit Output Impedance
(Figure 11)
hOE
f = 1 kHz
VCE = 3V, IC = 1mA
-
15.6
-
µmho
Open Circuit Reverse Voltage
Transfer Ratio (Figure 11)
hRE
f = 1 kHz
VCE = 3V, IC = 1mA
-
1.8 x 10
-4
-
Page 2 of 6
www.siliconsupplies.com
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com