Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VAN2-BRMBAAA0669027DK Datasheet(PDF) 2 Page - Evolt

Part # VAN2-BRMBAAA0669027DK
Description  VANN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

VAN2-BRMBAAA0669027DK Datasheet(HTML) 2 Page - Evolt

  VAN2-BRMBAAA0669027DK Datasheet HTML 1Page - Evolt VAN2-BRMBAAA0669027DK Datasheet HTML 2Page - Evolt VAN2-BRMBAAA0669027DK Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DRIVER
Dimmable
No
Driver Mode
Constant Current
Driver Type
Fixed output
Wiring Type
Hardwired
Driver Current
250 mA
PSTLM
0.01
Short Term Light Modulation (PstLM): The requirement is that PstLM should be
less than or equal to 1.0. This metric measures the short-term flicker severity
and ensures that flicker is not perceptible or is at a level that does not cause
discomfort or health issues.
SVM
0.005
Stroboscopic Visibility Measure (SVM): The requirement for SVM is that it
should be less than or equal to 0.4. The SVM metric assesses the visibility of the
stroboscopic effect, which can make moving objects appear to be stationary or
moving in discrete steps, thus ensuring that this effect is minimized in lighting
environments to prevent visual discomfort and safety hazards.
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Daily Use
12 hrs
The Daily Use is the recommended time required to meet the product's design
life. Installations can exceed this time, however the product design life will be
reduced proportionally.
WARRANTY
Commercial Use Warranty
5 RTB (Total 5 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5 Years)
VIP warranty is available to registered users and is subjected to additional terms
and conditions.
Warranty Operating Hours
44000 hrs
This product is provided with a warranty up until the stated warranty period or
until the stated warranty operating hours has been reached (whichever occurs
first).
DIMENSIONS
Cutout
80 mm
Product Diameter
92 mm
Product Height
79 mm
LINE DRAWINGS
VAN2/BRMBAAA0669027DK
PHOTOMETRICS
VAN2/BRMBAAA0669027DK
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com