Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBV35150C6 Datasheet(PDF) 4 Page - Innogration Technologies, Inc.

Part # STBV35150C6
Description  Gallium Nitride 50V, 150W, 0.1-3.5GHz RF Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.

STBV35150C6 Datasheet(HTML) 4 Page - Innogration Technologies, Inc.

  STBV35150C6 Datasheet HTML 1Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 2Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 3Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 4Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 5Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 6Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 7Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 8Page - Innogration Technologies, Inc. STBV35150C6 Datasheet HTML 9Page - Innogration Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Innogration (Suzhou) Co., Ltd
.
4 / 9
Document Number: STBV35150C6
Preliminary Datasheet V1.0
Figure 4: Picture of application board of 1.2-1.4GHz
Table 4. Bill of materials of application board (PCB layout upon request)
Component
Value
Quantity
U1
STBV35150C6
1
C1、C8、C9、C10
20pF
4
C2
3pF
1
C3
3.9pF
1
C4
5.6pF
1
C5
8.2pF
1
C6
0.3pF
1
C7
3.9pF
1
C11、C12、C13
10uF/63V
3
R1、R2
10Ω
2
C14
470uF/63V
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com