Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

960200021 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 960200021
Description  WA-SPARO Round Plastic Spacers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

960200021 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  960200021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 960200021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 960200021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 960200021 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions: [mm]
sectional drawing A-A
2.7
O
A
A
Scale - 5:1
Properties:
Material
Polyamide
Color
Black
Flammability Rating
UL94 HB
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
General Information:
Operating Temperature
-30 °C up to +110 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 75 % rH
Moisture Sensitivity Level (MSL)
1
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
JPR
001.003
2024-11-23
DIN ISO 20457 TG5
DESCRIPTION
WA-SPARO Round Plastic Spacers
ORDER CODE
960200021
BUSINESS UNIT
STATUS
PAGE
eiCan
Valid
1/4
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 960200021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
960200021 WURTH-960200021 Datasheet
75Kb / 2P
AsSPaRO Round Plastic Spacer
2015-06-09
More results

Similar Description - 960200021

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M0503-3-AL RAF-M0503-3-AL Datasheet
48Kb / 1P
4.5MM ROUND SPACERS
M0504-3-N RAF-M0504-3-N Datasheet
48Kb / 1P
4.5MM ROUND SPACERS
M0505-3-N RAF-M0505-3-N Datasheet
48Kb / 1P
4.5MM ROUND SPACERS
M0506-25-AL RAF-M0506-25-AL Datasheet
46Kb / 1P
4.5MM ROUND SPACERS
M0533-3-N RAF-M0533-3-N Datasheet
47Kb / 1P
6MM ROUND SPACERS
M0534-4-SS RAF-M0534-4-SS Datasheet
48Kb / 1P
6MM ROUND SPACERS
M0535-3-SS RAF-M0535-3-SS Datasheet
47Kb / 1P
6MM ROUND SPACERS
M0537-3-AL RAF-M0537-3-AL Datasheet
48Kb / 1P
6MM ROUND SPACERS
M0591-3-N RAF-M0591-3-N Datasheet
47Kb / 1P
8MM ROUND SPACERS
M0596-4-N RAF-M0596-4-N Datasheet
47Kb / 1P
8MM ROUND SPACERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com