Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7265SA Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7265SA
Description  18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265SA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7265SA Datasheet HTML 4Page - STMicroelectronics TDA7265SA Datasheet HTML 5Page - STMicroelectronics TDA7265SA Datasheet HTML 6Page - STMicroelectronics TDA7265SA Datasheet HTML 7Page - STMicroelectronics TDA7265SA Datasheet HTML 8Page - STMicroelectronics TDA7265SA Datasheet HTML 9Page - STMicroelectronics TDA7265SA Datasheet HTML 10Page - STMicroelectronics TDA7265SA Datasheet HTML 11Page - STMicroelectronics TDA7265SA Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
TDA7265SA
Pdmax = 2 · ( 7.7 ) + 1.0 = 16 W
(Heat Sinker)
In figure 20 is shown the Power derating curve for the device.
Figure 20. Power derating curve
7
CLIPWATT ASSEMBLING SUGGESTIONS
The suggested mounting method of Clipwatt on external heat sink, requires the use of a clip placed as much as
possible in the plastic body center, as indicated in the example of figure 21.
A thermal grease can be used in order to reduce the additional thermal resistance of the contact between pack-
age and heatsink.
A pressing force of 7 - 10 Kg gives a good contact and the clip must be designed in order to avoid a maximum
contact pressure of 15 Kg/mm2 between it and the plastic body case.
As example, if a 15Kg force is applied by the clip on the package, the clip must have a contact area of 1mm2
at least.
Figure 21. Example of right placement of the clip
R
Th c-a
150
T
amb max
–
P
d max
-----------------------------------------
R
Th j-c
–
150
50
–
16
----------------------
3
–
3.25
°C/W
==
=
a)
Infinite Heatsink
b)
1.5 °C/ W
c)
3.0 °C/ W
(c)
(a)
(b)
0
5
10
15
20
25
30
35
0
40
80
120
160
Tamb (°C)
a)
Infinite Heatsink
b)
1.5 °C/ W
c)
3.0 °C/ W
(c)
(a)
(b)
0
5
10
15
20
25
30
35
0
40
80
120
160
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com