Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCI9056 Datasheet(PDF) 2 Page - PLX Technology

Part # PCI9056
Description  32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??and Generic 32-bit, 66MHz Local Bus Designs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9056 Datasheet(HTML) 2 Page - PLX Technology

  PCI9056 Datasheet HTML 1Page - PLX Technology PCI9056 Datasheet HTML 2Page - PLX Technology PCI9056 Datasheet HTML 3Page - PLX Technology PCI9056 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s
Independent 32 Lword (128 byte) read and
64 Lword (256 byte) write FIFOs
s
Deferred reads, deferred writes, posted
writes, read ahead, and programmable read
prefetch counter
s
Programmable READY# time out
and recovery
Advanced Performance Features Common to
DMA, Direct Master, and Direct Slave
s
Zero wait state PCI and local bus bursts
s
Deep FIFOs prolong bursts
s
Unaligned PCI and local bus transfers of
any byte length
s
On-the-fly Endian conversion
s
Programmable local bus wait states
s
Parity checking on both buses
Messaging
s
Provides industry standard I2O r1.5
messaging unit
s
Supports general-purpose messaging for
proprietary message schemes
Eight 32-bit mailbox registers for polled
environments
Two 32-bit doorbell registers for interrupt
driven environments
Embedded Host Features
s
PCI arbiter supports 7 external masters
s
Reset and interrupt signals configurable for
embedded host operation
s
Type 0/1 Configuration support allows
local bus master to configure PCI bus
and devices
Package
s
256-ball fine pitch PBGA (FPBGA)
17 mm x 17 mm, 1.00 mm ball pitch
Low power 2.5V CMOS core
3.3V I/O, 5V tolerant
Industrial temperature range operation
IEEE 1149.1 JTAG boundary scan
Backward Compatibility
s
The PCI 9056 register set is backward
compatible with the PCI 9054, with
new registers added for functionality
enhancements
Related PLX Products
s
Support for 64-bit, 66MHz PCI with 32-bit,
66MHz C, J, and M Local Bus Support is
provided by the PCI 9656
See the PCI 9656 product brief for details
Serial EEPROM
s
Stores configuration register power on,
reset values
s
An alternative to expansion ROM for
storing Vital Product Data (VPD)
s
Supports 2 Kbit/4 Kbit microwire devices
with sequential read
Data Pipe Architecture
DMA
Service DMA descriptors, mastering on both
bus interfaces during data transfer
s
Two independent channels provide flexible
prioritization scheme
s
Each channel has its own bi-directional
64 Lword (256 byte) deep FIFO
s
Block Mode services a single DMA
descriptor in PCI 9056 registers
s
Scatter/Gather Mode services DMA
descriptor linked lists in memory
Burst descriptors from PCI or local
bus memory
Descriptor lists either linear (static)
or circular (dynamic) with Valid bit
semaphore control
s
Direct Hardware DMA controls
Demand Mode to pause/resume
End of Transfer (EOT) to abort
s
Programmable local bus burst length,
including infinite
Enhanced M Mode supports bursts beyond
PowerQUICC 16 byte limit
Direct Master
Service local bus masters by mastering on
the PCI bus
s
Two local bus address spaces map to
PCI bus: one to memory; one to I/O
s
Generate all PCI memory and I/O transac-
tion types, including Memory Write and
Invalidate (MWI)
s
Independent 32 Lword (128 byte) read
and 64 Lword (256 byte) write FIFOs
s
Read ahead and programmable read
prefetch counter
s
PowerQUICC deferred reads and IDMA
(M mode only)
Direct Slave
Service PCI bus masters by mastering on
the local bus
s
Two general-purpose and one expansion
ROM PCI address spaces map to local
bus memory
Each address space may specify 8-, 16-, or
32-bit local bus data transfers
PCI 9056 Features
The PCI 9056 32-bit, 66MHz PCI I/O accelera-
tor is the most advanced, 32-bit general-pur-
pose bus mastering device available for
Motorola MPC 850/860 PowerQUICC and
generic 32-bit, 66MHz local bus based
designs. The PCI 9056 incorporates PLX’s
industry leading Data Pipe Architecture
technology, featuring DMA engines, program-
mable Direct Master and Direct Slave data
transfer modes, and PCI messaging functions.
Interfaces
PCI
s
32-bit, 66MHz r2.2 operation
Zero wait state bursts to 264 MB/s
Dual Address Cycle (DAC) support as a
PCI bus master
Vital Product Data (VPD)
3.3V I/O, 5V tolerant
s
PICMG 2.1 r2.0 Hot Swap Silicon
Programming Interface 0 (PI=0)
Bias Voltage Support
Early Power Support
Intially Not Responding Support
s
PCI Hot Plug r1.0
s
PCI Power Management r1.1
Supports D0, D1, D2, D3HOT, and D3COLD
power states
D3COLD Power Management Event (PME)
generation to meet PC 2001 Windows
98/2000 communication adapter logo
certification requirements
Local Bus
s
Three local bus options on the device
M Mode: Motorola MPC 850/860
PowerQUICC and PowerPC 80x/82x
C Mode: De-multiplexed address and data
buses for Intel i960(r), DSPs, custom ASICs
and FPGAs, and others
J Mode: Multiplexed address and data buses
for Intel i960, IBM PowerPC 401, IDT
RC32364, DSPs, PLX IOP 480, and others
s
32-bit, 66MHz operation
Zero wait state bursts to 264 MB/s
3.3V I/O, 5V tolerant
Asynchronous clock inputs to PCI and
local bus



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com