| Electronic Components Datasheet Search |
|
PEX8512 Datasheet(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8512 Datasheet(HTML) 2 Page - PLX Technology |
|
2 / 4 page ![]() Low Power with Granular SerDes Control The PEX 8512 provides low power capability that is fully compliant with the PCI Express power management specification. In addition, the SerDes physical links can be turned off when unused for even lower power. Flexible Port Width Configuration The lane width for each port can be individually configured through auto-negotiation, hardware strapping, upstream software configuration, or through an optional EEPROM. The PEX 8512 supports two port configurations as shown in Figure 1. Depending on the application, the PEX 8512 can be configured to have Three ports each with x4 link widths or Five ports one port with x4 link width and four ports with x2 link widths. PEX 8512 PEX 8512 PEX 8512 PEX 8512 x4 x4 x4 PEX 8512 PEX 8512 x4 x2 x2 x2 x2 PEX 8512 PEX 8512 x4 x4 x2 x2 Figure 1. Port Configurations Hot-Plug for High Availability Hot plug capability allows users to replace hardware modules and perform maintenance without powering down the system. The PEX 8512 hot-plug capability and Advanced Error Reporting features makes it suitable for High Availability (HA) applications. Three downstream ports include a Standard Hot-Plug Controller. If the PEX 8512 is used in an application where one or more of its downstream ports connect to PCI Express slots, the port’s Hot-Plug Controller can be used to manage the hot-plug event of its associated slot. Furthermore, its upstream port is a hot-plug client, allowing it to be used on hot-pluggable adapter cards, backplanes, and fabric modules. Fully Compliant Power Management For applications that require power management, the PEX 8512 device supports both link (L0, L0s, L1, L2/L3 Ready, L2 and L3) and device (D0 and D3hot) power management states, in compliance with the PCI Express power management specification. SerDes Power and Signal Management The ExpressLane PEX 8512 supports software control of the SerDes outputs to allow optimization of power and signal strength in a system. The PLX SerDes implementation supports four levels of power – off, low, typical, and high. The SerDes block also supports loop-back modes and advanced reporting of error conditions, which enables efficient debug and management of the entire system. Flexible Virtual Channel Arbitration The ExpressLane PEX 8512 switch supports hardware fixed and Round Robin arbitration schemes for two virtual channels on each port. This allows for the fine tuning of Quality of Service for efficient use of packet buffers and system bandwidth. Applications Suitable for host-centric as well as intelligent I/O applications ExpressLane PEX 8512 can be configured for a wide variety of form factors and applications. Host-Centric Fan-out The ExpressLane PEX 8512 switch, with its symmetric lane configuration capability, allows user specific tuning to a variety of host-centric as well as peer-to-peer applications. Figure 2. Fan-in/out Usage Figure 2 shows a typical server-based design, where the root complex provides a PCI Express link that needs to be fanned into a larger number of ports for a variety of I/O functions, each with different bandwidth requirements. In this example, the PEX 8512 would typically have a 4-lane upstream port, and two downstream ports. The downstream ports are configured with x4 link widths. Adapter Card Aggregation The number and variety of PCI Express native-mode devices is growing quickly. As these devices become mainstream, it will be necessary to create multifunction and multi-port adapter cards with PCI Express capability. The PEX 8512 can be used to create an adapter or mezzanine card that aggregates the PCI Express devices into a single port that can be plugged |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |