Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F8720 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC18F8720
Description  Rev. A4 Silicon/Data Sheet Errata
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8720 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC18F8720 Datasheet HTML 2Page - Microchip Technology PIC18F8720 Datasheet HTML 3Page - Microchip Technology PIC18F8720 Datasheet HTML 4Page - Microchip Technology PIC18F8720 Datasheet HTML 5Page - Microchip Technology PIC18F8720 Datasheet HTML 6Page - Microchip Technology PIC18F8720 Datasheet HTML 7Page - Microchip Technology PIC18F8720 Datasheet HTML 8Page - Microchip Technology PIC18F8720 Datasheet HTML 9Page - Microchip Technology PIC18F8720 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PIC18F8720/8620/6720/6620
DS80172C-page 6
© 2005 Microchip Technology Inc.
4.
Module: Voltage Reference
Specifications
In Table 26-2: Voltage Reference Specifications
(page 317), parameter D311, VRAA, should be
replaced with the following:
TABLE 26-2:
VOLTAGE REFERENCE SPECIFICATIONS
5.
Module: Memory Programming
Requirements
In Table 26-4: Memory Programming Require-
ments (page 319), specification D124 (TREF) and
Note 4 have been added:
TABLE 26-4:
MEMORY PROGRAMMING REQUIREMENTS
Operating Conditions: 3.0V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated).
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D311
VRAA
Absolute Accuracy
1/2
LSb
Note 1:
Settling time measured while VRR = 1 and VR<3:0> transitions from ‘0000’ to ‘1111’.
DC Characteristics
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Data EEPROM Memory
D124
TREF
Total Number of Erase/Write
Cycles before Refresh (Note 4)
1M
100K
10M
1M
E/W
E/W
-40
°C to +85°C
-40
°C to +125°C
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
These specifications are for programming the on-chip program memory through the use of table write
instructions.
2:
The pin may be kept in this range at times other than programming, but it is not recommended.
3:
Retention time is valid, provided no other specifications are violated.
4:
Refer to Section 7.8 “Using the Data EEPROM” for a more detailed discussion on data EEPROM endurance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com