Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS3UM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FS3UM
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS3UM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FS3UM Datasheet HTML 1Page - Powerex Power Semiconductors FS3UM Datasheet HTML 2Page - Powerex Power Semiconductors FS3UM Datasheet HTML 3Page - Powerex Power Semiconductors FS3UM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
¡VDSS ................................................................................ 500V
¡rDS (ON) (MAX) ................................................................. 4.4
Ω
¡ID ............................................................................................ 3A
500
±30
3
9
60
–55 ~ +150
–55 ~ +150
2.0
V
V
A
A
W
°C
°C
g
FS3UM-10
VDSS
VGSS
ID
IDM
PD
Tch
Tstg
—
10.5MAX.
4.5
1.3
φ 3.6
1.0
0.8
2.54
2.54
0.5
2.6
qwe
q GATE
w DRAIN
e SOURCE
r DRAIN
r
wr
q
e
OUTLINE DRAWING
Dimensions in mm
VGS = 0V
VDS = 0V
Typical value
Symbol
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
TO-220
MITSUBISHI Nch POWER MOSFET
FS3UM-10
HIGH-SPEED SWITCHING USE
APPLICATION
SMPS, DC-DC Converter, battery charger, power
supply of printer, copier, HDD, FDD, TV, VCR, per-
sonal computer etc.
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit


Similar Part No. - FS3UM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS3UM MITSUBISHI-FS3UM Datasheet
42Kb / 4P
HIGH-SPEED SWITCHING USE
FS3UM MITSUBISHI-FS3UM Datasheet
41Kb / 4P
HIGH-SPEED SWITCHING USE
FS3UM-10 MITSUBISHI-FS3UM-10 Datasheet
42Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS3UM-10 RENESAS-FS3UM-10 Datasheet
105Kb / 5P
MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS3UM-10 ISC-FS3UM-10 Datasheet
257Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FS3UM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK16KM-6 POWEREX-FK16KM-6 Datasheet
62Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK16VS-6 POWEREX-FK16VS-6 Datasheet
56Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK18SM-10 POWEREX-FK18SM-10 Datasheet
60Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK18SM-9 POWEREX-FK18SM-9 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK20SM-6 POWEREX-FK20SM-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK7VS-12 POWEREX-FK7VS-12 Datasheet
57Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10AS-3 POWEREX-FS10AS-3 Datasheet
42Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-03 POWEREX-FS10ASJ-03 Datasheet
43Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-3 POWEREX-FS10ASJ-3 Datasheet
42Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com