Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLJ Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLJ
Description  Phase & Under Voltage Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLJ Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLJ Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
182
Diversified Electronics
800.727.5646
atcdiversified.com
INCLUDES A
DELAY-ON-MAKE
TIMER
Phase & Under Voltage Monitor
DIMENSIONS (INCHES)
WIRING
MODEL
OPERATING
DROP-OUT
PICK-UP
DELAY-ON
OUTPUT RATING
NUMBER
VOLTAGE
1 Ø LOW
3 Ø LOW
RELEASE
SLJ-120-ALE
95-130 V. Adj.
79-108 V
85-117 V
1 Volt Above
0.5 Sec
DPDT, 345 VA Inductive;
SLJ-230-ALE
190-270 V. Adj. 158-224 V 171-243 V
Drop-out
10 Amps Resistive @ 240 VAC
SLJ-380-ALE
350-440 V. Adj.
290-365 V 315-396 V
2.0 Sec
DPDT, 360 VA Inductive;
SLJ-440-ALE
430-480 V. Adj. 357-398 V 387-432 V
3 Amps Resistive @ 600 VAC
All voltage referenced are phase-to-phase.
The SLJ Series has a built-in Delay-on-Make Time Delay. The SLJ con-
tinuously monitors the three phase lines for adverse conditions such
as PHASE LOSS (single phasing), UNDER VOLTAGE (brown outs), and
PHASE REVERSAL (improper sequence). When any of these conditions
occur, the internal relay will de-energize (DROP-OUT). When the fault
is corrected, the field adjustable Delay-on Make delay begins. Upon
completion of the time delay, the internal relay will energize (PICK-UP).
Any subsequent interruptions will reset the delay period.
The SLJ’s phase monitor operates the same as the SLA Series. It will
drop-out for a phase loss if any phase drops below 83% of its nominal
setting and it will also drop-out for under voltage if all three phases
drop below 90% of its nominal setting. It is phase sequence sensitive
and will not allow start-up if the three phases are reversed.
The SLJ is available in the same standard operating voltage ranges as
our other Phase Monitors (see table below). The Delay-on-Make Timer
is field adjustable from 0.2 to 8.0 minutes.
There are two LED indicators. The green indicator glows when all condi-
tions are normal, and the red indicator glows when the internal relay is
energized.
The SLJ is ideally suited for multiple equipment installations to stagger
start equipment after a fault condition.
SPECIFICATIONS
OPERATING
See Table Below
VOLTAGE
OUTPUT RATING
See Table Below
INDICATORS LED Green LED Glows When All Conditions Are Normal
Red LED
Glows When Relay is Energized
RESPONSE TIMES Operate
0.2 to 8.0 Minutes, Adjustable
Release
See Table Below
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
ENCLOSURE
Style “E” Lexan, Surface Mounted
TERMINATIONS
(12) #8-32 Screw Terminals
WEIGHT
14 oz.


Similar Part No. - SLJ

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
Good weather resistance
logo
TUK Ltd
SLJ TUK-SLJ Datasheet
1Mb / 9P
LOW PROFILE PANEL MOUNT RANGE
04/01/2022
logo
Rosenberger Hochfrequen...
SLJ12RF-60F60R-X-00 ROSENBERGER-SLJ12RF-60F60R-X-00 Datasheet
542Kb / 2P
쩍??JUMPER 7-16 FEMALE / 7-16 R/A MALE
SLJ12RF-60M60F-X-00 ROSENBERGER-SLJ12RF-60M60F-X-00 Datasheet
541Kb / 2P
1/2??JUMPER 7-16 MALE / 7-16 FEMALE
SLJ12RF-60M60M-X-00 ROSENBERGER-SLJ12RF-60M60M-X-00 Datasheet
541Kb / 2P
1/2??JUMPER 7-16 MALE / 7-16 MALE
More results

Similar Description - SLJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3PR ETC1-M3PR Datasheet
392Kb / 1P
Phase Sequence / Failure and Under Voltage Relay
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
77C-KW LITTELFUSE-77C-KW Datasheet
551Kb / 3P
Single-Phase Current & Voltage Monitor
2019 Rev: 2-C-042619
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com