Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2909596 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2909596
Description  VAL-SEC-T2-350VF-P - Type 2 surge protection plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909596 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2909596 Datasheet HTML 1Page - PHOENIX CONTACT 2909596 Datasheet HTML 2Page - PHOENIX CONTACT 2909596 Datasheet HTML 3Page - PHOENIX CONTACT 2909596 Datasheet HTML 4Page - PHOENIX CONTACT 2909596 Datasheet HTML 5Page - PHOENIX CONTACT 2909596 Datasheet HTML 6Page - PHOENIX CONTACT 2909596 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA 6.6-FR 20 % GF
Housing material
PBT-FR
Protective circuit
L-N
Mode of protection
L-PEN
Direction of action
L-N / L-PEN
240 V AC (TN)
Nominal voltage UN
240 V AC (TT)
Nominal frequency fN
50 Hz (60 Hz)
Maximum continuous voltage UC
350 V AC
Nominal discharge current In (8/20) µs
10 kA
Maximum discharge current Imax (8/20) µs
20 kA
Short-circuit current rating ISCCR
50 kA
Voltage protection level Up
≤ 1.5 kV
≤ 1.35 kV (at In)
≤ 1.1 kV (at 5 kA)
≤ 0.95 kV (at 2 kA)
Residual voltage Ures
≤ 0.9 kV (at 1 kA)
Front of wave sparkover voltage at 6 kV (1.2/50) µs
≤ 1.5 kV
457 V AC (5 s / withstand mode)
TOV behavior at UT
457 V AC (120 min / withstand mode)
Response time tA
≤ 100 ns
Max. backup fuse with branch wiring
200 A (gG)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 80 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Altitude
≤ 2000 m (amsl)
Permissible humidity (operation)
5 % ... 95 %
Standards and regulations
Standards/specifications
IEC 61643-11
Note
2011
Standards/specifications
EN 61643-11
Note
2012
Mounting
Mounting type
on base element
VAL-SEC-T2-350VF-P - Type 2 surge protection plug
2909596
https://www.phoenixcontact.com/us/products/2909596
Mar 24, 2025, 8:12 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com