Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DFPMU Datasheet(PDF) 1 Page - Digital Core Design

Part # DFPMU
Description  Floating Point Coprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFPMU Datasheet(HTML) 1 Page - Digital Core Design

  DFPMU Datasheet HTML 1Page - Digital Core Design DFPMU Datasheet HTML 2Page - Digital Core Design DFPMU Datasheet HTML 3Page - Digital Core Design DFPMU Datasheet HTML 4Page - Digital Core Design DFPMU Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
D
DF
FP
PM
MU
U
Floating Point Coprocessor
ver 2.05
OVERVIEW
DFPMU is a Floating Point Coprocessor, de-
signed to assist CPU in performing the float-
ing point mathematic computations. DFPMU
directly replaces C software functions, by
equivalent, very fast hardware operations,
which significantly accelerate system per-
formance. It doesn’t require any program-
ming, so it also doesn’t require any modifica-
tions made in the main software. Everything
is done automatically during software compi-
lation by the DFPMU C driver.
DFPMU was designed to operate with DCD’s
DP8051, but can also operate with any other
8-, 16- and 32-bit processor. Drivers for all
popular 8051 C compilers are delivered to-
gether with the DFPMU package.
DFPMU uses the specialized CORDIC and
standard algorithms to compute math func-
tions. It supports addition, subtraction, mul-
tiplication, division, square root
, compari-
son, absolute value, change sign of a number
and trigonometric functions: sine, cosine,
tangent
and arctangent. It has built-in con-
version instructions from integer type to float-
ing point type and vice versa. The input num-
bers format is according to IEEE-754 stan-
dard. DFPMU supports single precision real
numbers, 16-bit and 32-bit integers. Each
floating point function can be turned
on/off
at configuration level providing the
flexible scalability of DFPMU module. It al-
lows save silicon space and provides exact
configuration required by certain application.
DFPMU is a technology independent design
that can be implemented in a variety of proc-
ess technologies.
APPLI C ATIONS
Math coprocessors
DSP algorithms
Embedded arithmetic coprocessor
Fast data processing & control
KEY FEATURES
Direct replacement
for C float software
functions such as: +, -, *, /,==, !=,>=, <=, <,
>
Configurability of all available functions
C interface supplied for all popular compil-
ers: GNU C/C++, 8051 compilers
No programming required
IEEE-754 Single precision real format
support – float type
16-bit word and 32-bit short integers for-
mat supported – integer types
Flexible arguments and result registers
location
Performs the following functions:
FADD, FSUB
– addition, subtraction
FMUL, FDIV
– multiplication, division
FSQRT
– square root
FCHS, FABS
– change of sign, absolute
value


Similar Part No. - DFPMU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DFPMU-DP DCD-DFPMU-DP Datasheet
132Kb / 6P
Floating Point Coprocessor Double Precision
DFPMUL DCD-DFPMUL Datasheet
121Kb / 3P
Floating Point Pipelined Multiplier Unit
More results

Similar Description - DFPMU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
HCMOS Floating-Point Coprocessor
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
HCMOS Enhanced Floating-Point Coprocessor
logo
Siemens Semiconductor G...
SAB-R2010A SIEMENS-SAB-R2010A Datasheet
1Mb / 48P
HIGH PERFORMANCE FLOATING-POINT COPROCESSOR
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
Floating Point Arithmetic Coprocessor
DFPAU-DP DCD-DFPAU-DP Datasheet
131Kb / 6P
Floating Point Arithmetic Coprocessor Double Precision
DFPMU-DP DCD-DFPMU-DP Datasheet
132Kb / 6P
Floating Point Coprocessor Double Precision
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
HCMOS Enhanced Floating-Point Coprocessor
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
HCMOS Enhanced Floating-Point Coprocessor
logo
NXP Semiconductors
MC68882 NXP-MC68882 Datasheet
3Mb / 26P
HCMOS Enhanced Floatibg-Point Coprocessor
Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com