| Electronic Components Datasheet Search |
|
DFPMU-DP Datasheet(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DFPMU-DP Datasheet(HTML) 1 Page - Digital Core Design |
|
1 / 6 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com D DF FP PM MU U--D DP P ● ● ● ● Floating Point Coprocessor Double Precision ver 3.03 OVERVIEW DFPMU-DP is a Floating Point Coprocessor, designed to assist CPU in performing the floating point mathematic computations. DFPMU-DP directly replaces C software functions, by equivalent, very fast hardware operations, which significantly accelerate system performance. It doesn’t require any programming, so it also doesn’t require any modifications made in the main software. Everything is done automatically during soft- ware compilation by the DFPMU-DP C driver. DFPMU-DP was designed to operate with DCD’s DP8051, but can also operate with any other 8-, 16- and 32-bit processor. Driv- ers for all popular 8051 C compilers are de- livered together with the DFPMU-DP pack- age. DFPMU-DP uses the specialized CORDIC and standard algorithms to compute math functions. It supports addition, subtraction, multiplication, division, square root , com- parison, and trigonometric functions: sine, cosine, tangent and arctangent. It has built- in conversion instructions from integer type to floating point type and vice versa. The input numbers format is according to IEEE-754 standard. DFPMU-DP supports double and single precision real numbers, 8-bit, 16-bit and 32-bit integers. DFPMU-DP is prepared to use with 8-, 16- and 32-bit processors. Each floating point function can be turned on/off at configuration level providing the flexible scalability of DFPMU-DP module. It allows save silicon space and provides exact configuration required by certain application. DFPMU-DP is a technology independent de- sign that can be implemented in a variety of process technologies. APPLI C ATIONS Math coprocessors DSP algorithms Embedded arithmetic coprocessor Fast data processing & control |
Similar Part No. - DFPMU-DP |
|
Similar Description - DFPMU-DP |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |