Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIS Datasheet(PDF) 1 Page - Digital Core Design

Part # DSPIS
Description  Serial Peripheral Interface - Slave
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPIS Datasheet(HTML) 1 Page - Digital Core Design

  DSPIS Datasheet HTML 1Page - Digital Core Design DSPIS Datasheet HTML 2Page - Digital Core Design DSPIS Datasheet HTML 3Page - Digital Core Design DSPIS Datasheet HTML 4Page - Digital Core Design DSPIS Datasheet HTML 5Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
D
DS
SP
PIIS
S
Serial Peripheral Interface –Slave
ver 1.01
OVERVIEW
The DSPIS is a fully configurable SPI ma
slave device, designated to operate with pas-
sive devices like memories, LCD drivers etc.
The DSPIS allows user to configure polarity
and phase of serial clock signal SCK.
A serial clock line (SCK) synchronizes shift-
ing and sampling of the information on the two
independent serial data lines. DSPIS data are
simultaneously transmitted and received.
The DSPIS system is flexible enough to in-
terface directly with numerous standard prod-
uct peripherals from several manufacturers.
Data rates as high as CLK/4. Clock control
logic allows a selection of clock polarity and a
choice of two fundamentally different clocking
protocols to accommodate most available
synchronous serial peripheral devices.
The DSPIS allows the SPI Master to com-
municate with passive devices. When trans-
mission starts (SS Line goes low) the first por-
tion of data is copied to the address register
and then to the ADDRESS bus output, after
transmission of the address the DSPIS gener-
ates the read signal (RD) and copy DATAI bus
contents to the transmitter shift register, and
prepare data to be exchanged with SPI Mas-
ter. During the next data portion transmission
DSPIS simultaneously transmits data out and
in. When the first data portion is received the
DSPIS asserts DATAO bus generates the
write signal (WE), then increments ADDRESS
bus performs a read operation and prepare
another data portion to be exchanged with SPI
master. Transmission is ended when the SS
line goes high.
The DSPIS is a technology independent
design that can be implemented in a variety of
process technologies.
DSPIS is fully customizable, which means
it is delivered in the exact configuration to
meet users’ requirements. There is no need to
pay extra for not used features and wasted
silicon.
It includes fully automated testbench
with complete set of tests allowing easy
package validation at each stage of SoC de-
sign flow.
APPLI C ATIONS
Embedded microprocessor boards
Consumer and professional audio/video
Home and automotive radio
Digital multimeters


Similar Part No. - DSPIS

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
logo
Microchip Technology
DSPIC MICROCHIP-DSPIC Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
DSPIC24H MICROCHIP-DSPIC24H Datasheet
988Kb / 80P
Flash Programming Specification
2007
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 248P
General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
More results

Similar Description - DSPIS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
Serial Peripheral Interface
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
ATMEL Corporation
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
Serial Peripheral Interface (SPI) Compatible
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
Built-in Serial Peripheral Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com