Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIBRATINGWIRE Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # VIBRATINGWIRE
Description  Spectral Analysis Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

VIBRATINGWIRE Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  VIBRATINGWIRE Datasheet HTML 1Page - Campbell Scientific United Kingdom VIBRATINGWIRE Datasheet HTML 2Page - Campbell Scientific United Kingdom VIBRATINGWIRE Datasheet HTML 3Page - Campbell Scientific United Kingdom VIBRATINGWIRE Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COMPONENTS
Vibrating Wire
Spectral Analysis Technology
questions & quotes: 435.227.9120
VSPECT a is an innovative, patented technology that delivers the best measurement for vibrating wire sensors. VSPECT
observes the incoming sensor signal, performs a Fourier transform and spectral analysis (transforming the Time Series
into individual sinusoidal components in the Frequency Spectrum). The frequency is determined by identifying the largest
signal in the acceptable range and disregarding unwanted noise.
So…..
What is
Benefits and Features
Onboard VSPECT vibrating wire measurements
Supports dynamic vibrating wire measurements with
CDM-VW300 series
Cost effective
U-terminal configurable to what you need: analog or digital,
input or output
Integrated charge regulator
Ethernet 10/100
MicroSD card slot
Removable terminal blocks
Multiplexer expandable
CRBasic Programmable
Wi-Fi and RF options coming soon (2015)
The CR6 measurement and control datalogger revolutionizes data ac-
quisition systems. It is a smaller, faster, lighter, and more powerful than
our previous systems with 24-bit resolution and VSPECT vibrating-wire
analysis. The CR6 has what it takes to be the core of any system.
CR6 Measurement and ControlVibrating-Wire Datalogger
VSPECT Outputs
Sensor Frequency
(frequency of peak response)
Amplitude
(signal strength)
Signal-to-Noise Ratio
(measurement quality)
Noise Frequency
(largest observed noise)
Decay Ratio
(signal attenuation)
Thermistor, if present
(Ohms or temperature)
campbellsci.com/vibrating-wire-interfaces
Software
Quick Deploy Contents
• Hardware Overview
• VSPECT Overview
• Deployment Instructions:
1. Precautions
2. Software
3. Setup & Conguration
4. Sensor Connection
5. Power Options
6. Field Installation
7. Data Collection & Communications
8. Radio Network Basics
9. Maintenance
The CRVW3 is a rugged instrument and will provide years of service with
proper care and maintenance.
• Protect the CRVW3 from over-voltage (16–28Vdc charge input)
• Protect the CRVW3 from internal moisture (maintain desiccant)
• Protect the CRVW3 from electrostatic discharge (ground properly)
VSPECT is an innovative, patented
technology that delivers the best
measurement for vibrating wire
sensors. VSPECT observes the
incoming sensor signal, performs a
Fourier transform and spectral analysis (transforming
the Time Series into individual sinusoidal components
in the Frequency Spectrum). The frequency is
determined by identifying the largest signal in the
acceptable range and disregarding unwanted noise.
VSPECT Outputs Include:
• Sensor Frequency
(frequency of peak response)
• Amplitude
(signal strength)
• Signal-to-Noise Ratio
(measurement quality)
• Noise Fequency
(largest observed noise)
• Decay Ratio
(signal attenuation)
• Thermistor, if present
(ohms or temperature)
Lid screws (optional)
Setup & Conguration
The quick deploy guide is a reference tool outlining the setup process.
Keep this document with the CRVW3 for future reference. The CRVW3
Owner’s Manual is the denitive source for detailed setup, conguration,
and installation instructions.
www.campbellsci.com/crvw3
Precautions
Frequency Spectrum1
Decay Ratio
Seconds
VSPECT technology determines the sensor frequency from the Frequency Spectrum while ignoring noise signals.
Antenna (wireless options only)
LED indicators
Ground lug
Charge/solar
cable entry
Sensor cable entry
LED indicators
Radio diagnostics (RF451 model only)
Desiccant and document holder
Serial number
CRVW3 wiring panel
Enclosure lock
USB connection
Charge/solar input
Battery connection
Battery hinge pin (hinge may be rotated to t either battery option)
Battery (rechargeable shown)
• Device Conguration Utility
(DevCong) is used to setup
and congure the CRVW3.
• PC200W, PC400, and
LoggerNet are used to
collect data (see step 7), all
include DevCong.
• USB drivers, and the steps to connect the CRVW3, are shown on the CRVW
Series page of DevCong, version 2.10 or higher is required.
• DevCong and PC200W may be downloaded (no cost) at:
www.campbellsci.com/downloads
Introduction
Hardware Overview
VSPECT Overview
Noise Frequency
Amplitude
Sensor Frequency
Hz
Traditional vibrating wire analyzers determine the sensor frequency from the Time Series where signal and noise can’t be distinguished.
Settings in DevCong for the CRVW3 datalogger, radio, and the channels are
shown below. Additional explanations are included in DevCong. The USB
connection can power the CRVW3 during setup.
Device Conguration Tab Explanations:
Settings Editor
Main
Measurement interval and current station OS version
PakBus
PakBus address, security settings, and PakBus communications
settings
Channel
Channel conguration: frequency sweep, thermistor & calcs
Radio/Advanced Radio operation mode, ID, power mode, transmit strength, and
RF packet settings
Logger Control
Set datalogger clock
Data Monitor
Look at most recent data
Send OS
Send/update the CRVW3 OS
Troubleshoot
Test sensor response/channel. Used to verify sensor operation,
wiring, or to troubleshoot (requires 12Vdc power connection).
Terminal
Not typically used. A low level communication tool.
Time Series
Frequency Spectrum
1
2
a
The VSPECT technology is protected under U.S. Patent No. 7,779,690.
Traditional vibrating-wire readers determine the sensor frequency from the Time Series where signal and noise can’t be distinguished.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com