Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR645 Datasheet(PDF) 3 Page - Microchip Technology

Part # LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 3 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LR645
DS20005384B-page 3
 2015-2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Input Voltage ........................................................................................................................................................... 450V
Output voltage........................................................................................................................................................ 15.5V
Operating and storage temperature ...................................................................................................... -55°C to +150°C
1.1
ELECTRICAL SPECIFICATIONS
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at those or any other
conditions, above those indicated in the operational listings of this specification, is not implied. Exposure
to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS 1
1
Symbol
Parameter
Min
Typ
Max
Units Conditions
VOUT
Output voltage
9.3
10
10.7
V
No load
Output voltage over temperature2
2
9.0
10
11.5
V
TJ = -40 to +125°C, No load
ΔVOUT
Line regulation
40
200
mV
VIN = 15 to 400V, No load
Load regulation
150
400
mV
VIN = 50V, IOUT = 0 to 3.0 mA
VIN
Operating input voltage range
15
450
V
IINQ
Input quiescent current
50
150
µA
No Load
IOFF
VIN off-state leakage current
0.1
10
µA
VAUX ≥ VOUT +1V applied to VOUT pin
IAUX
Input current to VOUT
——
200
µA
VAUX ≥ VOUT +1V applied to VOUT pin
ΔVOUT/ΔVIN Ripple rejection ratio2
50
60
dB
120 Hz, No Load
en
Noise voltage2
25
µV
0.01 to 100 kHz
IPEAK
Output peak current3
3
—30—
mA
COUT = 10 µF, VIN = 400V
VAUX
External voltage applied to VOUT
——
13.2
V
8-lead, adjustable voltage version only
VOUT
Output regulation trim range2
8
12
V
No load
ΔVOUT
Load regulation at 8V trim2
200
400
mV
VIN = 15V, IOUT = 0 to 1.0 mA
Load regulation at 12V trim
100
400
mV
VIN = 50V, IOUT = 0 to 3.0 mA
Note 1: Test2 Conditions unless otherwise specified: TA = 25°C, VIN = 15V-450V, COUT = 0.01 µF.
2: Ensured by design.
3: Pulse test duration <1.0 msec, duty cycle <2%Determined by characterization, not production tested.
TABLE 1-2:
THERMAL CHARACTERISTICS1
1
Package
θja
Power Dissipation @TA=25°C
8-lead SOIC
101°C/W
0.31
TO-92
132°C/W
0.74
TO-220
29°C/W
1.8
TO-243AA (SOT-89)
133°C/W
1.6
Note 1: Mounted on FR5 board; 25mm x 25mm x 1.57mm. Significant PD increase possible on ceramic substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com