Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT6L58AFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MT6L58AFS
Description  VHF~UHF Band Low-Noise Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT6L58AFS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MT6L58AFS Datasheet HTML 1Page - Toshiba Semiconductor MT6L58AFS Datasheet HTML 2Page - Toshiba Semiconductor MT6L58AFS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MT6L58AFS
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
MT6L58AFS
VHF~UHF Band Low-Noise Amplifier Applications
Two devices are incorporated in a fine-pitch, small-mold package (6 pins): fS6.
Superior noise characteristics
Superior performance in buffer and oscillator applications.
Mounted Devices
Q1
Q2
Corresponding three-pin products:
TESM(fSM) mold products
MT3S06T
(MT3S06FS)
MT3S03AT
(MT3S03AFS)
Absolute Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Collector- base voltage
VCBO
10
10
V
Collector- emitter voltage
VCEO
5
5
V
Emitter- base voltage
VEBO
1.5
2
V
Collector current
IC
15
40
mA
Base current
IB
7
10
mA
100
Collector power dissipation
PC(Note 1)
110 (Note 2)
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: 10 mm2
× 1.0 mm (t), mounted on a glass-epoxy printed circuit board.
Note 2: During two-element operation
Marking (top view)
Pin Assignment
(top view)
Unit: mm
0.1±0.05
6
0.8±0.05
1.0±0.05
1
2
0.1±0.05
3
5
4
1. Collector1 (C1)
2. Emitter1 (E1)
3. Collector2 (C2)
4. Base2 (B2)
5. Emitter2 (E2)
6. Base1 (B1)
JEDEC
JEIAJ
Toshiba
2-1F1A
Weight: 0.001g (typ.)
15
6
4
1
3
2
5
6
4
1
3
2
Q1
Q2
5
fS6


Similar Part No. - MT6L58AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L58AE TOSHIBA-MT6L58AE Datasheet
87Kb / 3P
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L58AE TOSHIBA-MT6L58AE Datasheet
113Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6L58AE TOSHIBA-MT6L58AE_07 Datasheet
113Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results

Similar Description - MT6L58AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT3S04AFS TOSHIBA-MT3S04AFS Datasheet
148Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT3S12FS TOSHIBA-MT3S12FS Datasheet
147Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT4S07 TOSHIBA-MT4S07_07 Datasheet
159Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L04AE TOSHIBA-MT6L04AE_07 Datasheet
110Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6C04AE TOSHIBA-MT6C04AE_07 Datasheet
117Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com