Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMS06 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMS06
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS06 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMS06 Datasheet HTML 1Page - Toshiba Semiconductor CMS06 Datasheet HTML 2Page - Toshiba Semiconductor CMS06 Datasheet HTML 3Page - Toshiba Semiconductor CMS06 Datasheet HTML 4Page - Toshiba Semiconductor CMS06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMS06
2006-11-13
4
040
140
0.01
0.1
1
10
100
1000
20
80
60
100
120
VR = 15 V
VR = 30 V
VR = 20 V
VR = 10 V
VR = 5 V
VR = 3 V
Pulse test
1
10
100
Ta
= 25°C
f
= 50 Hz
0
10
20
30
50
40
PR (AV) − VR
(typ.)
Number of cycles
Junction temperature Tj (°C)
Reverse voltage VR (V)
0
10
30
0.0
2.0
4.0
6.0
8.0
10.0
20
60°
120°
180°
240°
300°
DC
360°
0°
VR
Rectangular
waveform
Conduction angle:
α
Tj = 125°C
IR − Tj
(typ.)
Surge forward current (non-repetitive)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com